データシートサーチシステム |
|
SDF-4.0-100 データシート(PDF) 2 Page - Nuvotem Talema |
|
SDF-4.0-100 データシート(HTML) 2 Page - Nuvotem Talema |
2 / 3 page The Talema engineering staff can asist in the design of other inductance values and sizes including pre-designed cable lug models to 63 Amps. 1) The µJoule rating (½LI²) is the ability of the inductor to store energy. 2) Schematic: 1 = one winding 2P = two windings, Parallel Connection 2R = two windings, Series Connection. 3) Inductance measured at 0.10 Vrms @ 10kHz without DC Current and 0.25 Vrms @ 10kHz with DC Current. 4) On larger units and units wound with fine wire, additional mechanical mounting is recommended. See next page for Mounting Styles. Electrical Specifications at 25°C SD Series • High Efficiency Storage Chokes Ordering Key Inductance Value in µH Current Rating (Amps) Mounting Style - Specify the appropriate suffix O = Open Mount V = Vertical Encapsulated F = Flat Encapsulated Basic Series Designation SD V - 0,63 - 500 µH r e b m u N t r a P I C D s p m A . p y T ) H µ ( L d e t a R @ t n e r r u C L O ) H µ ( % 5 1 ± d a o L o N R C D s m h O m l a c i p y T y g r e n E e g a r o t S ) J µ ( 1 c i t a m e h c S 2 e z i S l i o C . t H x . D . O ) b x a ( g n i s u o H e d o C e z i S e l y t S g n i t n u o M e l y t S g n i t n u o Md Ø s l a n i m r e T OF V F V O F V 7 4 - 0 . 4 - _ _ D S 0 . 4 7 45 65 56 7 3 111 9 x 0 22 25 20 0 5 . 00 0 8 . 00 0 8 . 0 0 0 1 - 0 . 4 - _ _ D S0 0 14 4 18 60 0 8 111 0 1 x 5 29 20 30 0 6 . 00 0 8 . 00 0 8 . 0 0 6 1 - 0 . 4 - _ _ D S0 6 10 4 20 40 8 2 1 111 2 1 x 6 29 20 30 0 9 . 00 0 0 . 10 0 9 . 0 0 5 2 - 0 . 4 - _ _ D S0 5 25 4 30 50 0 0 2 111 5 1 x 0 32 45 40 5 9 . 00 0 0 . 10 0 0 . 1 7 4 - 0 . 5 - _ _ D S 0 . 5 7 40 64 48 8 5 111 0 1 x 5 29 20 30 0 6 . 00 0 8 . 00 0 8 . 0 3 6 - 0 . 5 - _ _ D S3 61 93 47 9 7 111 0 1 x 5 29 20 30 7 6 . 00 0 8 . 00 0 8 . 0 0 0 1 - 0 . 5 - _ _ D S0 0 15 6 17 20 5 2 1P 2P 2P 22 1 x 6 29 20 30 5 7 . 00 5 7 . 00 5 7 . 0 0 5 2 - 0 . 5 - _ _ D S0 5 27 5 30 45 2 1 3R 21 1 6 1 x 9 32 45 40 8 1 . 10 8 1 . 10 8 1 . 1 7 4 - 3 . 6 - _ _ D S 3 . 6 7 46 74 46 4 9 111 1 1 x 6 29 20 30 0 0 . 10 0 0 . 10 0 0 . 1 3 6 - 3 . 6 - _ _ D S3 60 2 17 10 5 2 1 111 2 1 x 6 2A 9 20 30 8 1 . 10 8 1 , 10 8 1 . 1 0 0 1 - 3 . 6 - _ _ D S0 0 10 6 18 20 1 0 2 111 3 1 x 9 22 35 30 7 6 . 00 0 8 . 00 0 8 . 0 0 0 2 - 3 . 6 - _ _ D S0 0 26 6 24 49 6 9 3P 2P 2P 27 1 x 8 32 40 40 5 8 . 00 5 8 . 00 5 8 . 0 7 4 - 0 . 8 - _ _ D S 0 . 8 7 43 63 47 0 5 1 111 3 1 x 9 22 35 30 7 6 . 00 0 8 . 00 0 8 . 0 3 6 - 0 . 8 - _ _ D S3 65 92 16 1 0 2P 2P 21 5 1 x 0 32 35 30 5 9 . 00 5 9 . 00 5 9 . 0 THE TALEMA GROUP • World Wide Toroidal Specialists (07-03) SD Series Sales & Marketing, Design and Manufacturing Facilities http://www.talema-Nuvotem.com Ireland NUVOTEM TEO. Crolly Co. Donegal Tel: Int. + 353 74 - 954 8666 Fax: Int. + 353 74 - 954 8139 Email: info@nuvotem.com Germany TALEMA ELEKTRONIK GMBH Sembdnerstr. 5, Postfach 2523 82110 Germering Tel: Int. + 49 89 - 841 00 - 0 Fax: Int. + 49 89 - 841 00 25 Email: info@talema..de India TALEMA ELECTRONIC PVT. LTD. Opposite the SIDCO Industrial Estate Gins Towers 4/5S.H/1, Omalur Main Road Salem - 636 004, Tamil Nadu Tel: Int. + 91 427 - 244 1325 Fax: Int. + 91 427 - 243 0034 E-mail: talema@talemaindia.com Eastern Europe & Czech Republic NT MAGNETICS s.r.o. Chebská 27 322 00 Plzeñ Tel: Int. + 420 37 - 744 9303 Fax: Int. + 420 37 - 744 3697 Email: talema@talema.cz |
同様の部品番号 - SDF-4.0-100 |
|
同様の説明 - SDF-4.0-100 |