データシートサーチシステム |
|
HLMP-EG55-GNKDD データシート(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HLMP-EG55-GNKDD データシート(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 6 page 4 Electrical/Optical Characteristics at TA = 25°C Parameter Symbol Min. Typ. Max. Units Test Conditions Forward Voltage VF VIF = 20 mA Amber ( λ d = 590 nm) 2.02 2.4 Amber ( λ d = 592 nm) 2.15 2.4 Red-Orange ( λ d = 615 nm) 1.94 2.4 Red-Orange ( λ d = 617 nm) 2.08 2.4 Red ( λ d = 626 nm) 1.90 2.4 Red ( λ d = 630 nm) 2.00 2.4 Reverse Voltage VR 520 V IR = 100 µA Peak Wavelength λ PEAK nm Peak of Wavelength of Amber ( λ d = 590 nm) 592 Spectral Distribution Amber ( λ d = 592 nm) 594 at IF = 20 mA Red-Orange ( λ d = 615 nm) 621 Red-Orange ( λ d = 617 nm) 623 Red ( λ d = 626 nm) 635 Red ( λ d = 630 nm) 639 Spectral Halfwidth ∆λ 1/2 17 nm Wavelength Width at Spectral Distribution 1/2 Power Point at IF = 20 mA Speed of Response τ s 20 ns Exponential Time Constant, e-t/τs Capacitance C 40 pF VF = 0, f = 1 MHz Thermal Resistance R θ J-PIN 240 °C/W LED Junction-to-Cathode Lead Luminous Efficacy[1] η v lm/W Emitted Luminous Amber ( λ d = 590 nm) 480 Power/Emitted Radiant Amber ( λ d = 592 nm) 500 Power Red-Orange ( λ d = 615 nm) 260 Red-Orange ( λ d = 617 nm) 235 Red ( λ d = 626 nm) 150 Red ( λ d = 630 nm) 155 Note: 1. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the luminous efficacy in lumens/watt. Absolute Maximum Ratings at TA = 25°C DC Forward Current[1,2,3] ..................................................................50 mA Peak Pulsed Forward Current[2,3] ................................................. 100 mA Average Forward Current[3] ............................................................. 30 mA Reverse Voltage (IR = 100 µA) ................................................................ 5 V LED Junction Temperature .............................................................. 130 ° C Operating Temperature .................................................. –40 ° C to +100° C Storage Temperature ...................................................... –40 ° C to +120° C Through-the-Wave Solder Temperature ................ 250 ° C for 3 seconds [1.59 mm (0.060 in.) below body] Notes: 1. Derate linearly as shown in Figure 4. 2. For long term performance with minimal light output degradation, drive currents between 10 mA and 30 mA are recommended. For more information on recommended drive conditions, please refer to Application Brief I-024 (5966-3087E). 3. Please contact your Agilent Technologies sales representative about operating currents below 10 mA. |
同様の部品番号 - HLMP-EG55-GNKDD |
|
同様の説明 - HLMP-EG55-GNKDD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |