データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMG1A データシート(PDF) 1 Page - Rohm

部品番号 FMG1A
部品情報  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

FMG1A データシート(HTML) 1 Page - Rohm

  FMG1A Datasheet HTML 1Page - Rohm FMG1A Datasheet HTML 2Page - Rohm FMG1A Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMG1 / UMG1N / FMG1A
Transistors
Rev.A
1/2
General purpose (dual digital transistors)
EMG1 / UMG1N / FMG1A
Features
1) Two DTC124E chips in a EMT or UMT or SMT
package.
Circuit schematic
EMG1 / UMG1N
(1)
(5)
(2)
(3)
(4)
R1
R2
R2
R1
FMG1A
(5)
(1)
(4)
(3)
(2)
R1
R2
R2
R1
R1
=R2=22kΩ
R1
=R2=22kΩ
Absolute maximum ratings (Ta = 25
°C)
Parameter
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
Symbol
VCC
VIN
IO
Pd
Tj
Tstg
Limits
40
50
−10
30
300(TOTAL)
150(TOTAL)
FMG1A
EMG1 / UMG1N
150
−55 to +150
Unit
V
V
mA
mW
∗1
∗2
°C
°C
Supply voltage
Input voltage
Output current
IC(MAX)
100
mA
Collector current
Power dissipation
Junction temperature
Storage temperature
Package, marking, and packaging specifications
Type
EMG1
EMT5
G1
T2R
8000
UMG1N
UMT5
G1
TR
3000
FMG1A
SMT5
G1
T148
3000
Package
Marking
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
Each lead has same dimensions
ROHM : EMT5
EMG1
UMG1N
Each lead has same dimensions
0.1Min.
2.1
1.25
ROHM : UMT5
EIAJ : SC-88A
FMG1A
Each lead has same dimensions
0.3to0.6
1.6
2.8
ROHM : SMT5
EIAJ : SC-74A
1.2
1.6
(1)
(2)
(3)
(5)
(4)


同様の部品番号 - FMG1A

メーカー部品番号データシート部品情報
logo
Rohm
FMG1A ROHM-FMG1A Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
FMG1A ROHM-FMG1A Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG1A ROHM-FMG1A Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG1A ROHM-FMG1A Datasheet
1Mb / 11P
   Emitter common(dual digital transistors)
More results

同様の説明 - FMG1A

メーカー部品番号データシート部品情報
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com