データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8588BJ データシート(PDF) 25 Page - NXP Semiconductors

部品番号 TDA8588BJ
部品情報  I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8588BJ データシート(HTML) 25 Page - NXP Semiconductors

Back Button TDA8588BJ Datasheet HTML 21Page - NXP Semiconductors TDA8588BJ Datasheet HTML 22Page - NXP Semiconductors TDA8588BJ Datasheet HTML 23Page - NXP Semiconductors TDA8588BJ Datasheet HTML 24Page - NXP Semiconductors TDA8588BJ Datasheet HTML 25Page - NXP Semiconductors TDA8588BJ Datasheet HTML 26Page - NXP Semiconductors TDA8588BJ Datasheet HTML 27Page - NXP Semiconductors TDA8588BJ Datasheet HTML 28Page - NXP Semiconductors TDA8588BJ Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
2004 Feb 24
25
Philips Semiconductors
Product specification
I2C-bus controlled 4
× 50 Watt power
amplifier and multiple voltage regulator
TDA8588J; TDA8588xJ
Reset delay (pin RESCAP)
Ich
charge current
VRESCAP =0V
1
4
8
µA
Idch
discharge current
VRESCAP =3V; VP ≥ 4.3 V
1
7
mA
Vth(rst)
reset signal threshold
voltage
TDA8588AJ and
TDA8588J
2.5
3
3.5
V
TDA8588BJ
1.6
2.1
2.6
V
td(rst)
reset signal delay
without CRESCAP; note 3
40
−µs
CRESCAP = 47 nF; note 3;
see Fig.15
15
35
100
ms
Regulator 1: REG1 (audio; IO = 5 mA)
VO(REG1)
output voltage
0.5 mA
≤ IO ≤ 400 mA;
12V<VP <18V;
IB2[D3:D2] = 01
7.9
8.3
8.7
V
IB2[D3:D2] = 10
8.1
8.5
8.9
V
IB2[D3:D2] = 11
8.3
8.7
9.1
V
VO(LN)
line regulation voltage
12 V
≤ VP ≤ 18 V
−−
50
mV
VO(load)
load regulation voltage
5 mA
≤ IO ≤ 400 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fripple = 120 Hz;
Vripple = 2 V (p-p)
50
60
dB
Vdrop
dropout voltage
VP = 7.5 V; note 4
IO = 200 mA
0.4
0.8
V
IO = 400 mA
0.6
2.5
V
Ilimit
current limit
VO ≥ 7 V; note 5
400
700
mA
Isc
short-circuit current
RL ≤ 0.5 Ω; note 6
70
190
mA
Regulator 2: REG2 (microprocessor; IO = 5 mA)
VO(REG2)
output voltage
0.5 mA
≤ IO ≤ 350 mA;
10 V
≤ VP ≤ 18 V
TDA8588AJ and
TDA8588J
4.75
5.0
5.25
V
TDA8588BJ
3.1
3.3
3.5
V
VO(LN)
line regulation voltage
10 V
≤ VP ≤ 18 V
350
mV
VO(load)
load regulation voltage
0.5 mA
≤ IO ≤ 300 mA
−−
100
mV
SVRR
supply voltage ripple
rejection
fripple = 120 Hz;
Vripple = 2 V (p-p)
40
50
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8589AJ PHILIPS-TDA8589AJ Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

同様の説明 - TDA8588BJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
   4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
May 2011
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
   4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com