データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM1480 データシート(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号 HM1480
部品情報  Input range synchronous buck controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1480 データシート(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1480 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1480 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Board Layout Suggestions
When laying out the printed circuit board, the following checklist should be used to ensure proper
operation of the
HM1480. Check the following in your layout.
1.
The power traces, consisting of the GND trace, the SW trace and the VIN trace should be kept
short, direct and wide.
2.
Put the input capacitor as close as possible to the device pins (VIN and GND).
3.
SW node is with high frequency voltage swing and should be kept small area. Keep analog
components away from SW node to prevent stray capacitive noise pick-up.
4.
Connect all analog grounds to a command node and then connect the command node to the power
ground behind the output capacitors.


同様の部品番号 - HM1480

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
   30V,2.5A Step-Down Switching Regulator
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
   30V 2A Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
   18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1483 HMSEMI-HM1483 Datasheet
1Mb / 14P
   30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results

同様の説明 - HM1480

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM1489 HMSEMI-HM1489 Datasheet
1Mb / 11P
   Input range synchronous buck controller
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com