データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD9G500EFJ-LA データシート(PDF) 30 Page - Rohm

部品番号 BD9G500EFJ-LA
部品情報  7 V to 76 V Input, 5 A Integrated High ?밪ide MOSFET, Single Buck DC/DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD9G500EFJ-LA データシート(HTML) 30 Page - Rohm

Back Button BD9G500EFJ-LA Datasheet HTML 26Page - Rohm BD9G500EFJ-LA Datasheet HTML 27Page - Rohm BD9G500EFJ-LA Datasheet HTML 28Page - Rohm BD9G500EFJ-LA Datasheet HTML 29Page - Rohm BD9G500EFJ-LA Datasheet HTML 30Page - Rohm BD9G500EFJ-LA Datasheet HTML 31Page - Rohm BD9G500EFJ-LA Datasheet HTML 32Page - Rohm BD9G500EFJ-LA Datasheet HTML 33Page - Rohm BD9G500EFJ-LA Datasheet HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
30/36
TSZ02201-0F2F0AJ00280-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
11.Jun.2020 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9G500EFJ-LA
PCB Layout Design - continued
Accordingly, design the PCB layout with particular attention paid to the following points.
·Provide the input capacitor close to the VIN pin of the IC as possible on the same plane as the IC.
·If there is any unused area on the PCB, provide a copper foil plane for the ground node to assist heat dissipation from the IC
and the surrounding components.
·Switching nodes such as SW are susceptible to noise due to AC coupling with other nodes. Trace to the coil and catch diode
as thick and short as possible.
·Provide lines connected to the FB pin and the COMP pin as far from the SW node.
·Provide the output capacitor away from the input capacitor in order to avoid the effect of harmonic noise from the input.
Top Layer
Bottom Layer
Figure 62. Example of Sample Board Layout Pattern


同様の部品番号 - BD9G500EFJ-LA

メーカー部品番号データシート部品情報
logo
Rohm
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9G500EFJ-LAE2 ROHM-BD9G500EFJ-LAE2 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA_V01 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
More results

同様の説明 - BD9G500EFJ-LA

メーカー部品番号データシート部品情報
logo
Rohm
BD9G500EFJ-LA ROHM-BD9G500EFJ-LA_V01 Datasheet
2Mb / 39P
   7 V to 76 V Input, 5 A Integrated High–Side MOSFET, Single Buck DC/DC Converter
20.May.2022 Rev.002
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
   4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
   4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
   7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
   4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
   4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com