データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD64547MUV データシート(PDF) 27 Page - Rohm

部品番号 BD64547MUV
部品情報  System Motor Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD64547MUV データシート(HTML) 27 Page - Rohm

Back Button BD64547MUV Datasheet HTML 23Page - Rohm BD64547MUV Datasheet HTML 24Page - Rohm BD64547MUV Datasheet HTML 25Page - Rohm BD64547MUV Datasheet HTML 26Page - Rohm BD64547MUV Datasheet HTML 27Page - Rohm BD64547MUV Datasheet HTML 28Page - Rohm BD64547MUV Datasheet HTML 29Page - Rohm BD64547MUV Datasheet HTML 30Page - Rohm BD64547MUV Datasheet HTML 31Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TSZ02201-0P2P0C001400-1-2
16.Nov.2020 Rev.006
TSZ22111 • 15 • 001
27/36
BD64547MUV
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
Precautions of Board Layout
Consider the following key points when designing board layout:
1
Key points and precautions concerning the
H-Bridge
1.1
VBBA, VBBB / H-Bridge Power supply Pin
Motor’s drive current is flowing in it, so the wire is thick and short and has low impedance.
VBBx(Note 1) may have big fluctuations due to motor back EMF, PWM switching noise, etc., so you must arrange the
bypass capacitor of about over 220 μF as close to the pin as possible and adjust VBBx is stable. Increase the
capacitance if needed, especially when a large current is used or motors that have great back electromotive
force are used.
In addition, for the purpose of reducing the power supply’s impedance in wide frequency bandwidth, parallel
connection of multi-layered ceramic capacitor of 0.01 µF to 0.1 μF etc. is recommended. Extreme care must be
used to make sure that VBBx does not exceed the rating even for a moment.
VBBA and VBBB are shorted inside IC, so be sure to short externally VBBA and VBBB when using. If used
without shorting, malfunction or destruction may occur because of concentration of current routes etc. Moreover,
in the power supply pin, there is a built-in clamp component for preventing of electrostatic destruction. If steep
pulse or voltage of surge exceeding the maximum absolute rating is applied, this clamp component operates. As
a result, there is danger of destruction, so make sure that the maximum absolute rating is not exceeded. It is
effective to mount a Zener diode about the maximum absolute rating. Also, a diode for preventing electrostatic
destruction is inserted between the VBBx pin and GND pin, as a result there is the danger of IC destruction if
reverse voltage is applied between the VBBx pin and GND pin, so be careful.
(Note 1) x = A, B
1.2
OUTAP, OUTAM, OUTBP, OUTBM / H-Bridge output Pin
Motor’s drive current is flowing in it, so the wire is thick and short and has low impedance. It is also effective to
add a Schottky diode if output has big positive or negative fluctuations when large current is used, etc., for
example, if counter electromotive voltage, etc. is big. Moreover, in the output pin, there is a built-in clamp
component for preventing electrostatic destruction. If a steep pulse or voltage surge exceeding the maximum
absolute rating is applied, this clamp component operates, but there is still the danger of destruction, so make
sure that the maximum absolute rating is not exceeded.
1.3
RNFA, RNFB / H-Bridge Connection Pin of resistor for detecting of output current
Connect the resistor for current detection between this pin and GND. In view of the power consumption of the
current-detecting resistor, determine the resistor that W = IOUT2 x R [W] does not exceed the power dissipation of
the resistor. In addition, wire has low impedance and does not have impedance in common with other GND
patterns because motor’s drive current flows in the pattern through the RNFx(Note 2) pin to current-detecting
resistor to GND. Do not exceed the rating because there is the possibility of circuit malfunction, etc. if the RNFx
voltage has exceeded the maximum rating (0.55 V). Moreover, be careful because if the RNFx pin is shorted to
GND, large current flows without normal PWM constant current control, then there is the danger that OCP or
TSD will operate. If the RNFx pin is open, there is the possibility of such malfunction as output current does not
flow either, so do not leave it open.
(Note 2) x = A, B
2
Key points and precautions concerning the switching regulator
2.1
VBBSW1, SWOUT1 / SWREG1 power supply pins, SWREG1 output
SWOUT1 is a high-voltage line and a possible source of switching noise. For that reason, the thickest, shortest,
lowest-impedance wire possible should be used in the pattern design. Meanwhile, to reduce the switching
current noise, the following loop should be kept as short as possible: bypass capacitor → VBBSW1 → SWOUT1
→ Schottky diode → GND.
To lessen the impact of coupling capacitance noise, position the FB1 feedback resistor away from the SWOUT1
pattern and components.
2.2
VINSW2, SWOUT2 / SWREG2 power supply pins, SWREG2 output
SWOUT2 is a high-voltage line and a possible source of switching noise. For that reason, the thickest, shortest,
lowest-impedance wire possible should be used in the pattern design. Meanwhile, to reduce the switching
current noise, the following loop should be kept as short as possible: bypass capacitor → VINSW2 → SWOUT2
→ GND.
To lessen the impact of coupling capacitance noise, position the FB2 feedback resistor away from the SWOUT2
pattern and components.
3
Other key points and precautions
3.1
GND, PGNDSW / Ground Pin
In order to reduce noise caused by the switching current and to stabilize the internal reference voltage of the IC,
keep the wiring impedance from this pin as low as possible. The design should enable the lowest electrical
potential in any operating state. In addition, be sure this wiring does not share common impedance with other
GND patterns.


同様の部品番号 - BD64547MUV

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
BD645 POINN-BD645 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Siemens Semiconductor G...
BD645 SIEMENS-BD645 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD645 SIEMENS-BD645 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Bourns Electronic Solut...
BD645 BOURNS-BD645 Datasheet
105Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BD645 ISC-BD645 Datasheet
108Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

同様の説明 - BD64547MUV

メーカー部品番号データシート部品情報
logo
Rohm
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
logo
Toshiba Semiconductor
TA8411L TOSHIBA-TA8411L Datasheet
596Kb / 15P
   STEPPING MOTOR SYSTEM DRIVER
logo
Rohm
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
logo
Sanyo Semicon Device
LV8222W SANYO-LV8222W Datasheet
167Kb / 12P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8220FN SANYO-LV8220FN Datasheet
147Kb / 15P
   CD/MD System Motor Driver
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
logo
Sanyo Semicon Device
LV8206T SANYO-LV8206T Datasheet
302Kb / 14P
   CD and MD System Motor Driver
logo
Rohm
BD6607KN ROHM-BD6607KN Datasheet
292Kb / 6P
   System Motor Driver for Portable MD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com