データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM2P063HK-LBZ データシート(PDF) 6 Page - Rohm

部品番号 BM2P063HK-LBZ
部品情報  PWM Type DC/DC Converter IC Integrated Switching MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BM2P063HK-LBZ データシート(HTML) 6 Page - Rohm

Back Button BM2P063HK-LBZ Datasheet HTML 2Page - Rohm BM2P063HK-LBZ Datasheet HTML 3Page - Rohm BM2P063HK-LBZ Datasheet HTML 4Page - Rohm BM2P063HK-LBZ Datasheet HTML 5Page - Rohm BM2P063HK-LBZ Datasheet HTML 6Page - Rohm BM2P063HK-LBZ Datasheet HTML 7Page - Rohm BM2P063HK-LBZ Datasheet HTML 8Page - Rohm BM2P063HK-LBZ Datasheet HTML 9Page - Rohm BM2P063HK-LBZ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/20
©2019 ROHM Co., Ltd. All rights reserved.
www.rohm.com
BM2P063HK-LBZ BM2P103HK-LBZ BM2P133HK-LBZ
TSZ22111 • 15 • 001
TSZ02201-0F1F0A200670-1-2
06.Oct.2020 Rev.001
4.
DC/DC Driver – continued
(3) Over Current Limiter
This IC has a built-in over current limiter per cycle. When the SOURCE pin voltage becomes VCSA (Typ = 0.400 V) or
VCSB (Typ = 0.300 V) or more for 1 pulse, switching is turned off after passing internal delay time. The delay time
varies in relation to the time by which the SOURCE pin voltage reaches VCSA (Typ = 0.400 V) or VCSB (Typ = 0.300 V).
By this time, AC voltage correction function operates. The relations of the time until the SOURCE pin voltage reaches
VCSA (Typ = 0.400 V) or VCSB (Typ = 0.300 V) and the additional delay time are shown in below.
Figure 6A. Delay Time vs the Time by Which the
SOURCE Pin Voltage Reaches VCSA (Typ = 0.400 V)
(BM2P063HK-LBZ)
Figure 6B. Delay Time vs the Time by Which the
SOURCE Pin Voltage Reaches VCSB (Typ = 0.300 V)
(BM2P103HK-LBZ)
Figure 6C. Delay Time vs the Time by Which the
SOURCE Pin Voltage Reaches VCSB (Typ = 0.300 V)
(BM2P133HK-LBZ)
Ip is calculated by the following formula.
�������� =
������������
��������
× (������������ + �������� + ������������������������)
[A]
where:
������������
is the AC Input Voltage.
��������
is the Primary Inductance.
������������ is the Time to VCSA or VCSB.
�������� is the Additional Delay Time introduced by the IC (Refer to Figure 6A to Figure 6C).
������������������������ is the Delay Time peculiar to the IC (Typ = 0.2 μs).
It is necessary to evaluate application in the end and adjust sense resistor and so on.


同様の部品番号 - BM2P063HK-LBZ

メーカー部品番号データシート部品情報
logo
Rohm
BM2P061E ROHM-BM2P061E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P061E-Z ROHM-BM2P061E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P061FK-LB ROHM-BM2P061FK-LB Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P064E ROHM-BM2P064E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P064E-Z ROHM-BM2P064E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
More results

同様の説明 - BM2P063HK-LBZ

メーカー部品番号データシート部品情報
logo
Rohm
BM2P064H-Z ROHM-BM2P064H-Z Datasheet
1Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
24.Nov.2020 Rev.002
BM2P061FK-LB ROHM-BM2P061FK-LB Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P064E-Z ROHM-BM2P064E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P01A ROHM-BM2P01A Datasheet
3Mb / 24P
   PWM Type DC/DC converter IC Integrated Switching MOSFET
BM2P061E ROHM-BM2P061E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P061E-Z ROHM-BM2P061E-Z Datasheet
1Mb / 23P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
06.Apr.2023 Rev.002
BM2P064E ROHM-BM2P064E Datasheet
2Mb / 24P
   PWM Type DC/DC Converter IC Integrated Switching MOSFET
BM2P0162T-Z ROHM-BM2P0162T-Z Datasheet
1Mb / 29P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
04.Feb.2019 Rev.001
BM2P0363KF ROHM-BM2P0363KF Datasheet
1Mb / 28P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
06.Dec.2019 Rev.001
BM2P0363F ROHM-BM2P0363F Datasheet
1Mb / 28P
   PWM Type DC/DC Converter IC with Integrated Switching MOSFET
22.Apr.2020 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com