データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM63373S-VA データシート(PDF) 6 Page - Rohm

部品番号 BM63373S-VA
部品情報  600V IGBT Intelligent Power Module (IPM)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BM63373S-VA データシート(HTML) 6 Page - Rohm

Back Button BM63373S-VA Datasheet HTML 2Page - Rohm BM63373S-VA Datasheet HTML 3Page - Rohm BM63373S-VA Datasheet HTML 4Page - Rohm BM63373S-VA Datasheet HTML 5Page - Rohm BM63373S-VA Datasheet HTML 6Page - Rohm BM63373S-VA Datasheet HTML 7Page - Rohm BM63373S-VA Datasheet HTML 8Page - Rohm BM63373S-VA Datasheet HTML 9Page - Rohm BM63373S-VA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
BM63373S-VA
BM63373S-VC
TSQ50501-BM63373S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Control part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Whole
VCC Circuit Current 1
ICC1
-
1.20
2.40
mA
VIN=0V
VCC Circuit Current 2
ICC2
-
1.40
2.80
mA
VIN=5V
VBS Circuit Current 1
IBS1
-
0.06
0.15
mA
VIN=0V
VBS Circuit Current 2
IBS2
-
0.06
0.15
mA
VIN=5V
Control Input(HINU,HINV,HINW,LINU,LINV,LINW)
H Level Input Current
IINH
0.7
1.0
1.5
mA
VIN=5V
L Level Input Current
IINL
-10
-
-
µA
VIN=0V
H Level Input Threshold Voltage
VINH
-
-
2.6
V
L Level Input Threshold Voltage
VINL
0.8
-
-
V
Input Hysteresis Voltage
VHYS
-
0.25
-
V
HINU-GND Resistance (Note 1)
RHINU
17.5
25
34
k
Ω
HVCC=0V, IHINU=2µA
HINV-GND Resistance (Note 1)
RHINV
70
100
136
k
Ω
HVCC=0V, IHINV=2µA
HINW-GND Resistance (Note 1)
RHINW
70
100
136
k
Ω
HVCC=0V, IHINW=2µA
Short Circuit Current Protection(SCP)
CIN Input Bias Current
ICIN
-2
-
-
µA
CIN=0V
Trip Voltage
VSC
0.455
0.480
0.505
V
Under Voltage Locked Out(UVLO)
VCC Trip Voltage
VCCUVT
10.5
11.5
12.5
V
VCC Release Voltage
VCCUVR
11
12
13
V
VBS Trip Voltage
VBSUVT
10
11
12
V
VBS Release Voltage
VBSUVR
10.5
11.5
12.5
V
Thermal Shutdown(TSD)
Trip Temperature
TSDT
115
130
-
°C
Monitor LVIC temperature
Hysteresis Temperature
TSDHYS
-
20
-
°C
Monitor LVIC temperature
Temperature Output(VOT)
VOT Voltage
VOT
2.72
2.77
2.82
V
LVIC temperature = 90°C
0.93
1.13
1.33
V
LVIC temperature = 25°C
Fault Output(FO)
Output low Voltage
VFO
-
-
0.95
V
IFO=1mA
Leak Current
IFOLEAK
-
-
10
µA
VFO=5V
Output Pulse Width (Note 2)
tFOSC
45
-
-
µs
During SCP Operation
tFOUV
90
-
-
µs
During VCC UVLO Operation
tFOTSD
180
-
-
µs
During TSD Operation
(Note 1)
Resistance value when current from the control input pin is flowing through the internal resistor to GND.
(Note 2)
FO pulse width for each protection mode is different. FO will continue to output until recovering from the error condition if the time of error condition
exceeds the determined output pulse width depending on the protection mode.
Bootstrap Diode Part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Forward Voltage
VFB1
0.3
0.6
0.9
V
IFB=1mA
Voltage drop between
HVCC-VBX (X=U,V,W)
VFB2
1.1
2.0
2.9
V
IFB=100mA
Voltage drop between
HVCC-VBX (X=U,V,W)
Reverse Current
IRB
-
-
10
µA
VRB=600V
Reverse Recovery Time
trrB
-
80
-
ns
IFB=0.1A


同様の部品番号 - BM63373S-VA

メーカー部品番号データシート部品情報
logo
Rohm
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VC ROHM-BM63374S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VC ROHM-BM63375S-VC Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results

同様の説明 - BM63373S-VA

メーカー部品番号データシート部品情報
logo
Rohm
BM63763S-VA ROHM-BM63763S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63375S-VA ROHM-BM63375S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63374S-VA ROHM-BM63374S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63573S-VA ROHM-BM63573S-VA Datasheet
1Mb / 23P
   600V IGBT Intelligent Power Module (IPM)
BM63767S-VA ROHM-BM63767S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM64364S-VA ROHM-BM64364S-VA Datasheet
916Kb / 21P
   600V IGBT Intelligent Power Module (IPM)
24.Jun.2016 Rev.003
BM63364S-VA ROHM-BM63364S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63363S-VA ROHM-BM63363S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63377S-VA ROHM-BM63377S-VA Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
BM63764S-VA ROHM-BM63764S-VA_17 Datasheet
1Mb / 24P
   600V IGBT Intelligent Power Module (IPM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com