データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

BM63374S-VA データシート(PDF) 6 Page - Rohm

部品番号. BM63374S-VA
部品情報  600V IGBT Intelligent Power Module (IPM)
ダウンロード  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BM63374S-VA Datasheet(HTML) 6 Page - Rohm

Back Button BM63374S-VA データシート HTML 2Page - Rohm BM63374S-VA データシート HTML 3Page - Rohm BM63374S-VA データシート HTML 4Page - Rohm BM63374S-VA データシート HTML 5Page - Rohm BM63374S-VA データシート HTML 6Page - Rohm BM63374S-VA データシート HTML 7Page - Rohm BM63374S-VA データシート HTML 8Page - Rohm BM63374S-VA データシート HTML 9Page - Rohm BM63374S-VA データシート HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/21
BM63374S-VA
BM63374S-VC
TSQ50501-BM63374S-2
© 2020 ROHM Co., Ltd. All rights reserved.
30.Jul.2020 Rev.001
www.rohm.com
TSZ22111・15・001
Control part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Whole
VCC Circuit Current 1
ICC1
-
1.20
2.40
mA
VIN=0V
VCC Circuit Current 2
ICC2
-
1.40
2.80
mA
VIN=5V
VBS Circuit Current 1
IBS1
-
0.06
0.15
mA
VIN=0V
VBS Circuit Current 2
IBS2
-
0.06
0.15
mA
VIN=5V
Control Input(HINU,HINV,HINW,LINU,LINV,LINW)
H Level Input Current
IINH
0.7
1.0
1.5
mA
VIN=5V
L Level Input Current
IINL
-10
-
-
µA
VIN=0V
H Level Input Threshold Voltage
VINH
-
-
2.6
V
L Level Input Threshold Voltage
VINL
0.8
-
-
V
Input Hysteresis Voltage
VHYS
-
0.25
-
V
HINU-GND Resistance (Note 1)
RHINU
35
50
68
k
Ω
HVCC=0V, IHINU=2µA
HINV-GND Resistance (Note 1)
RHINV
70
100
136
k
Ω
HVCC=0V, IHINV=2µA
HINW-GND Resistance (Note 1)
RHINW
70
100
136
k
Ω
HVCC=0V, IHINW=2µA
Short Circuit Current Protection(SCP)
CIN Input Bias Current
ICIN
-2
-
-
µA
CIN=0V
Trip Voltage
VSC
0.455
0.480
0.505
V
Under Voltage Locked Out(UVLO)
VCC Trip Voltage
VCCUVT
10.5
11.5
12.5
V
VCC Release Voltage
VCCUVR
11
12
13
V
VBS Trip Voltage
VBSUVT
10
11
12
V
VBS Release Voltage
VBSUVR
10.5
11.5
12.5
V
Thermal Shutdown(TSD)
Trip Temperature
TSDT
115
130
-
°C
Monitor LVIC temperature
Hysteresis Temperature
TSDHYS
-
20
-
°C
Monitor LVIC temperature
Temperature Output(VOT)
VOT Voltage
VOT
2.72
2.77
2.82
V
LVIC temperature = 90°C
0.93
1.13
1.33
V
LVIC temperature = 25°C
Fault Output(FO)
Output low Voltage
VFO
-
-
0.95
V
IFO=1mA
Leak Current
IFOLEAK
-
-
10
µA
VFO=5V
Output Pulse Width (Note 2)
tFOSC
45
-
-
µs
During SCP Operation
tFOUV
90
-
-
µs
During VCC UVLO Operation
tFOTSD
180
-
-
µs
During TSD Operation
(Note 1)
Resistance value when current from the control input pin is flowing through the internal resistor to GND.
(Note 2)
FO pulse width for each protection mode is different. FO will continue to output until recovering from the error condition if the time of error condition
exceeds the determined output pulse width depending on the protection mode.
Bootstrap Diode Part
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Forward Voltage
VFB1
0.3
0.6
0.9
V
IFB=1mA
Voltage drop between
HVCC-VBX (X=U,V,W)
VFB2
1.1
2.0
2.9
V
IFB=100mA
Voltage drop between
HVCC-VBX (X=U,V,W)
Reverse Current
IRB
-
-
10
µA
VRB=600V
Reverse Recovery Time
trrB
-
80
-
ns
IFB=0.1A


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn