データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM81810MUF-M データシート(PDF) 26 Page - Rohm

部品番号 BM81810MUF-M
部品情報  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M データシート(HTML) 26 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 22Page - Rohm BM81810MUF-M Datasheet HTML 23Page - Rohm BM81810MUF-M Datasheet HTML 24Page - Rohm BM81810MUF-M Datasheet HTML 25Page - Rohm BM81810MUF-M Datasheet HTML 26Page - Rohm BM81810MUF-M Datasheet HTML 27Page - Rohm BM81810MUF-M Datasheet HTML 28Page - Rohm BM81810MUF-M Datasheet HTML 29Page - Rohm BM81810MUF-M Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
BM81810MUF-M
.
26/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Application Example 1 (when operated by EN control)
– continued
Application circuit components list
(Unless otherwise specified VIN=3.3V, VDD=2.5V, AVDD=10.5V, VGH=18V, VGL=-6.0V, VCOM=5.25V)
Parts
name
Value
Unit
Company
Parts Number
Comment
Min
(Note 1)
Typ
Max
C_VIN
10
10 x 2
-
μF
MURATA
GRT21BC81A106KE01
C_VINB
4.7
10
-
μF
MURATA
GRT21BC81A106KE01
No need @ VDD LDO
mode
C_REG
0.047
0.1
0.47
μF
MURATA
GRT188R71H104KE13
C_LSO
10
10 x 2
-
μF
MURATA
GRT21BC81A106KE01
C_AVD
5.0
10 x 3
10 x 6
μF
MURATA
GRT31CC81E106KE01
See p.49 in detail.
L_SW
-
4.7
-
μH
TDK
LTF5022T-4R7N2R0-H
See p.49 in detail.
D_SW
-
-
-
-
ROHM
(RB060M-30DD)
Please insert D_SW when
improving the efficiency is
necessary.
C_VDD
10
10 x 2
47
μF
MURATA
GRT21BC81A106KE01
L_SWB
-
4.7
-
μH
TDK
LTF5022T-4R7N2R0-H
C_VCOM
-
-
-
μF
MURATA
-
C_VGL
0.47
1.0
4.7
μF
MURATA
GRT21BC81E105KE13
C_DRN
-
0.1
-
μF
MURATA
GRT188R71H104KE13
D_VGL
-
-
ROHM
RB558WFH
C_VGH
0.47
2.2
4.7
μF
MURATA
GRT21BC8YA225KE13
C_CPP1
-
0.1
-
μF
MURATA
GRT188R71H104KE13
C_VCP
-
1.0
-
μF
MURATA
GRT188C81E105KE13
C_CPP2
-
0.1
-
μF
MURATA
GRT188R71H104KE13
R_RE
0.2
2.0
-
ROHM
MCR03
R_NTC1
-
4.7
-
ROHM
MCR03
R_NTC2
-
33
-
ROHM
MCR03
R_NTC3
-
10
-
MURATA
NCU18XH103F6SRB
R_FLT
47
100
200
ROHM
MCR03
R_PG
47
100
200
ROHM
MCR03
R_RST
47
100
200
ROHM
MCR03
(Note 1)
Please set in consideration of temperature properties and DC bias properties not to become less than the minimum.
Please consider it based on enough evaluations with the actual model.


同様の部品番号 - BM81810MUF-M

メーカー部品番号データシート部品情報
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

同様の説明 - BM81810MUF-M

メーカー部品番号データシート部品情報
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com