データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BM81810MUF-M データシート(PDF) 64 Page - Rohm

部品番号 BM81810MUF-M
部品情報  Automotive Panel Power Management IC
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUF-M データシート(HTML) 64 Page - Rohm

Back Button BM81810MUF-M Datasheet HTML 60Page - Rohm BM81810MUF-M Datasheet HTML 61Page - Rohm BM81810MUF-M Datasheet HTML 62Page - Rohm BM81810MUF-M Datasheet HTML 63Page - Rohm BM81810MUF-M Datasheet HTML 64Page - Rohm BM81810MUF-M Datasheet HTML 65Page - Rohm BM81810MUF-M Datasheet HTML 66Page - Rohm BM81810MUF-M Datasheet HTML 67Page - Rohm BM81810MUF-M Datasheet HTML 68Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
BM81810MUF-M
.
64/75
TSZ02201-0A3A0AS00510-1-2
© 2020 ROHM Co., Ltd. All rights reserved.
15.May.2020 Rev.001
TSZ22111
• 15 • 001
www.rohm.com
Protection function explanation of POWER MANAGEMENT block
I.
UNDER VOLTAGE LOCK OUT (UVLO)
The BM81810MUF-M has UVLO function for VIN and a circuit miss-operation during in under UVLO voltage operation is
prevented. If VIN below UVLO voltage, it shuts down VDD, AVDD, VGH, VGL, GPM, VCOM and RESET.
II.
THERMAL SHUTDOWN (TSD)
The BM81810MUF-M incorporates a Thermal Shut Down (TSD) function. If IC temperature exceeds 175°C (TYP), it shuts
down VDD, AVDD, VGH, VGL, GPM, VCOM and RESET.
III. UNDER VOLTAGE PROTECTION (UVP)
This block has Under Voltage Protection (UVP) function for VDD, AVDD, VGH and VGL output.
When detecting UVP, inner Counter will be activated, and after 5ms passed, it shuts down VDD, AVDD, VGH, VGL, GPM,
and VCOM. (It also shuts down RESET when RESET monitors VDD voltage.)
IV. OVER VOLTAGE PROTECTION (OVP)
This block has Over Voltage Protection (OVP) function for AVDD output.
When detecting OVP, output voltage rising is limited by forcing Switching turn off. If output voltage falls, Switching is
restarted.
V.
OVER CURRENT PROTECTION (OCP)
This block has Over Current Protection (OCP) function for VDD and AVDD.
When detecting OCP, it controls Switching and limits generating over current in FET.
BLOCK
Protective Function
Working Condition
Action
Protective removal
VDD
Over current Protection
( Buck DCDC mode )
ISWB > 1.0 A (Min)
Control switching pulse duty to not over
current limit
ISWB < 1.0 A (Min)
Over current Protection
( LDO mode )
ISWB > 0.3 A (Min)
Control LDO to not over current limit.
ISWB < 0.3 A (Min)
Under Voltage Protection
Detect
: VDD<Target value x 0.8
Release : VDD>Target value x 0.9
IC shutdown
if UVP status maintains during 5ms
IC restart
AVDD
Over Voltage Protection
AVDD > (Target value x 1.1)
Switching STOP
AVDD < ( Target Value x 1.05 )
Over current Protection
ISW > 1.0 A (Min) or 2.0 A (Min)
Control switching pulse duty to not
over current limit
ISW < 1.0 A (Min) or 2.0 A (Min)
IC shutdown
if OCP status maintains during 5ms
IC restart
Under Voltage Protection
Detect
: AVDD<Target value x 0.8
Release : AVDD>Target value x 0.9
IC shutdown
if UVP status maintains during 5ms
IC restart
VGH
Under Voltage Protection
Detect
: VGH<Target value x 0.8
Release : VGH>Target value x 0.9
IC shutdown
if UVP status maintains during 5ms
IC restart
VGL
Under Voltage Protection
Detect
: VGL>Target value x 0.8
Release : VGL<Target value x 0.85
IC shutdown
if UVP status maintains during 5ms
IC restart
General
Under Voltage Lockout
VIN < 2.0V (Min)
IC shutdown
VIN > 2.55V (Typ)
Thermal shutdown
Tj > 175°C (Typ)
IC shutdown
Tj < 150°C (Typ)


同様の部品番号 - BM81810MUF-M

メーカー部品番号データシート部品情報
logo
Rohm
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
BM81810MUV-ME2 ROHM-BM81810MUV-ME2 Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
More results

同様の説明 - BM81810MUF-M

メーカー部品番号データシート部品情報
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUV-M ROHM-BM81810MUV-M Datasheet
5Mb / 79P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com