データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMV1251-011 データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 SMV1251-011
部品情報  Plastic Packaged Surface Mount Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SMV1251-011 データシート(HTML) 7 Page - List of Unclassifed Manufacturers

  SMV1251-011 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMV1251-011 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2–9
Alpha Industries
• [617] 9355150 • Fax [617] 8244579 • E-mail sales@alphaind.com • Visit our web site: www.alphaind.com
Outline Dimensions
SOT–23
SOT–143
SOD–323
0.108 (2.70mm)
0.090 (2.30mm)
0.053 (1.35mm)
0.045 (1.15mm)
0.016 (0.40mm)
0.010 (0.25mm)
0.071 (1.80mm)
0.063 (1.60mm)
0.008
(0.20mm)
0.050 (1.25mm)
MAX.
0.004 (0.10mm)
MAX.
0.006 (0.15mm)
TYP.
0.010 (0.25mm)
MIN.
Plastic Packaged Surface Mount Varactor Diodes


同様の部品番号 - SMV1251-011

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1251-011 ALPHA-SMV1251-011 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1251-011 SKYWORKS-SMV1251-011 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-011LF SKYWORKS-SMV1251-011LF Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1251-011LF SKYWORKS-SMV1251-011LF Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results

同様の説明 - SMV1251-011

メーカー部品番号データシート部品情報
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
   Surface Mount Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
   PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
   VARACTOR DIODES Surface Mount MMSM Varactors
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
   MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com