データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74BCT2420FNR データシート(PDF) 9 Page - Texas Instruments

部品番号 SN74BCT2420FNR
部品情報  NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2420FNR データシート(HTML) 9 Page - Texas Instruments

Back Button SN74BCT2420FNR Datasheet HTML 4Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 5Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 6Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 7Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 8Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 9Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 10Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 11Page - Texas Instruments SN74BCT2420FNR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SN74BCT2420
NuBus
™ ADDRESS/DATA TRANSCEIVERS AND REGISTERS
SDIS007A – D3159, NOVEMBER 1988 – REVISED JANUARY 1989
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
PARAMETER MEASUREMENT INFORMATION
Waveform 2
Waveform 1
S1 Closed
S1 Open
0.3 V
1.3 V
1.3 V
ENABLE AND DISABLE TIMES,3-STATE OUTPUTS
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
0.3 V
0 V
1.3 V
3.5 V
0.3 V
3.5 V
1.3 V
VOH
VOL
tPHZ
tPLZ
tPZH
tPZL
(see Note B)
(see Note B)
enabling)
(low-level
Control
Output
tPHL
tPLH
tPLH
VOL
VOH
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
0.3 V
VOL
VOH
tPHL
Out-of-Phase
Output
In-Phase
Output
Input
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
Data
Input
Timing
Input
th
tsu
1.3 V
1.3 V
1.3 V
0.3 V
3.5 V
0.3 V
3.5 V
1.3 V
1.3 V
tw
3.5 V
0.3 V
1.3 V
PULSE DURATIONS
VOLTAGE WAVEFORMS
High-Level
Pulse
0.3 V
3.5 V
tw
1.3 V
A15–A0, D15–D0
3–STATE OUTPUTS
LOAD CIRCUIT FOR
R2
(See Note A)
CL
VCC
R1
S1
AD15–AD0
NuBus
™ INTERFACE
LOAD CIRCUIT FOR
R2
(See Note A)
CL
R1
S1
VCC
SSEQ, IDEQ
TOTEM-POLE OUTPUTS
BI-STATE
LOAD CIRCUIT FOR
Test
Point
RL
(See Note A)
CL
From Output
Under Test
From Output
Under Test
Test
Point
From Output
Under Test
Test
Point
Low-Level
Pulse
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal condition such that the output is high except when disabled by the output control.
C. C. All input pulses have the following characteristics: PRR
≤ 1 MHz, tr = tf = 2 ns, duty cycle = 50%
D. The outputs are measured one at a time with one transition per measurement.
Figure 1


同様の部品番号 - SN74BCT2420FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2423AFN TI1-SN74BCT2423AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424A TI1-SN74BCT2424A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2424AFN TI1-SN74BCT2424AFN Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
More results

同様の説明 - SN74BCT2420FNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74BCT2425 TI1-SN74BCT2425 Datasheet
563Kb / 10P
[Old version datasheet]   MCP NuBus??ADDRESS/DATA REGISTERED TRANSCEIVER
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
STMicroelectronics
RM0321 STMICROELECTRONICS-RM0321 Datasheet
3Mb / 584P
   SPEAr320S address map and registers
logo
Micross Components
AS5SP512K36 MICROSS-AS5SP512K36 Datasheet
746Kb / 12P
   On-Chip Address and Control Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
logo
NXP Semiconductors
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com