データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1119 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SD1119
部品情報  Silicon NPN epitaxial planer type(For low-frequency power amplification0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1119 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SD1119 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1119 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1119
Silicon NPN epitaxial planer type
For low-frequency power amplification
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Satisfactory operation performances at high efficiency with the
low-voltage power supply.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
40
25
7
5
3
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCEO
VEBO
hFE1
*1
hFE2
VCE(sat)
fT
Cob
Conditions
VCB = 10V, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 2V, IC = 0.5A
*2
VCE = 2V, IC = 2A
*2
IC = 3A, IB = 0.1A
*2
VCB = 6V, IE = –50mA, f = 200MHz
VCB = 20V, IE = 0, f = 1MHz
min
25
7
230
150
typ
150
max
0.1
600
1
50
Unit
µA
V
V
V
MHz
pF
Marking symbol :
T
*1h
FE1 Rank classification
Rank
Q
R
hFE1
230 ~ 380
340 ~ 600
Marking Symbol
TQ
TR
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
*2 Pulse measurement


同様の部品番号 - 2SD1119

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SD1119 KEXIN-2SD1119 Datasheet
50Kb / 1P
   Silicon NPN epitaxial planar type
logo
Shenzhen Jin Yu Semicon...
2SD1119 HTSEMI-2SD1119 Datasheet
516Kb / 2P
   TRANSISTOR (NPN)
logo
GUANGDONG HOTTECH INDUS...
2SD1119 HOTTECH-2SD1119 Datasheet
164Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SD1119 BILIN-2SD1119 Datasheet
166Kb / 3P
   Silicon NPN epitaxial planar type
logo
Foshan Blue Rocket Elec...
2SD1119 FOSHAN-2SD1119 Datasheet
755Kb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
More results

同様の説明 - 2SD1119

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SC2925 PANASONIC-2SC2925 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency output amplification0
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1051 PANASONIC-2SD1051 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1244 PANASONIC-2SD1244 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD1934 PANASONIC-2SD1934 Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2249 PANASONIC-2SD2249 Datasheet
40Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD965 PANASONIC-2SD965 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD973 PANASONIC-2SD973 Datasheet
49Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD875 PANASONIC-2SD875 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
2SD2321 PANASONIC-2SD2321 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type(For low-frequency power amplification)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com