データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA4863-2G データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TDA4863-2G
部品情報  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863-2G データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TDA4863-2G Datasheet HTML 6Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 7Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 8Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 9Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 10Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 11Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 12Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 13Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TDA4863-2
Functional Description
Data Sheet
10
V1.2, 2004-02
2.4
Overvoltage Regulator
Because of the integrator´s low bandwidth fast changes of the output voltage can’t be
regulated within an adequate time. Fast output changes occur during initial start-up,
sudden load removal, or output arcing. While the integrator´s differential input voltage
remains zero during this fast changes a peak current is flowing through the external
capacitor into pin VAOUT. If this current exceeds an internal defined margin the
overvoltage regulator circuitry reduces the multiplier output voltage. As a result the on
time of the MOSFET is reduced.
2.5
Multiplier
The one quadrant multiplier regulates the gate driver with respect of the DC output
voltage and the AC half wave rectified input voltage. Both inputs are designed to achieve
good linearity over a wide dynamic range to represent an AC line free from distortion.
Special efforts have been made to assure universal line applications with respect to a 90
to 270 V AC range.
The multiplier output is internally clamped to1.3 V. So the MOSFET is protected against
critical operating during start up.
2.6
Current Sense Comparator, LEB and RS Flip-Flop
The source current of the MOS transistor is transferred into a sense voltage via the
external sense resistor. The multiplier output voltage is compared with this sense
voltage. Switch on time of the MOS transistor is determined by the comparision result
To protect the current comparator input from negative pulses a current source is inserted
which sends current out of the ISENSE pin every time when V
ISENSE-signal is falling
below ground potential. An internal RC-filter is connected at the ISENSE pin which
smoothes the switch-on current spike.The remaining switch-on current spike is blanked
out via a leading edge blanking circuit with a blanking time of typ. 200 ns.
The RS Flip-Flop ensures that only one single switch-on and switch-off pulse appears at
the gate drive output during a given cycle (double pulse suppression).
2.7
Zero Current Detector
The zero current detector senses the inductor current via an auxiliary winding and
ensures that the next on-time of the MOSFET is initiated immediately when the inductor
current has reached zero. This reduces the reverse recovery losses of the boost
converter diode to a minimum. The MOSFET is switched off when the voltage drop of
the shunt resistor exceeds the voltage level of the multiplier output. So the boost current
waveform has a triangular shape and there are no deadtime gaps between the cycles.
This leads to a continuous AC line current limiting the peak current to twice of the
average current.


同様の部品番号 - TDA4863-2G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA4863-2G INFINEON-TDA4863-2G Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
More results

同様の説明 - TDA4863-2G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com