データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD1985-3.0V データシート(PDF) 1 Page - Unisonic Technologies

部品番号 LD1985-3.0V
部品情報  LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD1985-3.0V データシート(HTML) 1 Page - Unisonic Technologies

  LD1985-3.0V Datasheet HTML 1Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 2Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 3Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 4Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 5Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 6Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 7Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 8Page - Unisonic Technologies LD1985-3.0V Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UTCLD1985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R102-021,B
VERY LOW DROP AND LOW
NOISE VOLTAGE REGULATOR
LOW ESR CAP. COMPATIBLE,
WITH INHIBIT FUNCTION
DESCRIPTION
The UTC LD1985 is a 150mA fixed output voltage
regulator. The ultra low drop voltage and the low
quiescent current make them particularly suitable for low
noise, low power applications, and in battery powered
systems. In sleep mode quiescent current is less than
1μA when INHIBIT pin is pulled low. Shutdown Logic
Control Function is available on pin 3 (TTL compatible).
This means that when the device is used as local
regulator, it is possible to put a part of the board in
standby, decreasing the total power consumption.
An external capacitor, CBYP=10nF, connected between
bypass pin and GND reduce the noise to 30μVrms.
Typical application are in cellular phone, palmtop
laptop computer, personal digital assistant (PDA),
personal stereo, camcorder and camera.
FEATURES
*VERY LOW DROPOUT VOLTAGE (280mV at 150mA
AND 7mV at 1mA LOAD)
*VERY LOW QUIESCENT CURRENT (2mA Typ. at
150mA LOAD AND 80μA at NO LOAD)
*OUTPUT CURRENT UP TO 150mA
*LOGIC CONTROLLED ELECTRONIC SHUTDOWN
*OUTPUT VOLTAGE OF 1.5, 1.8, 2.5, 2.8, 2.85, 3, 3.1,
3.2, 3.3, 3.5, 3.6, 3.8, 4, 4.7, 5V
*INTERNAL CURRENT AND THERMAL LIMIT
*AVAILABLE IN ± 1% TOLLERANCE (at 25℃, A
VERSION)
*LOW OUTPUT NOISE VOLTAGE 30μVrms
SOT-25
1
2
3
4
5
1:VIN
2:GND
3:INHIBIT
4:Bypass
5:VOUT
PIN DESCRIPTION
PIN
NO.
PIN
NAME
FUNCTION
1
IN
Input Port
2
GND Ground Pin
3
INHIBIT
Control switch ON/OFF.
Inhibit is not internally
pulled-up; it cannot be left
floating. Disable the device
when connected to GND or
to a positive voltage less
than 0.18V
4
Bypass
Bypass Pin: Capacitor to
be connected to GND in
order to improve the
thermal noise
performances.
5
OUT
Output Port


同様の部品番号 - LD1985-3.0V

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LD1985-30-AF5-R UTC-LD1985-30-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-31-AF5-R UTC-LD1985-31-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985-32-AF5-R UTC-LD1985-32-AF5-R Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results

同様の説明 - LD1985-3.0V

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com