データシートサーチシステム |
|
LD1985-5.0V データシート(PDF) 2 Page - Unisonic Technologies |
|
LD1985-5.0V データシート(HTML) 2 Page - Unisonic Technologies |
2 / 11 page UTCLD1985 LINEAR INTEGRATED CIRCUIT UTC UNISONIC TECHNOLOGIES CO., LTD. 2 QW-R102-021,B MARKING INFORMATION PART NUMBER VOLTAGE VOLTAGE CODE PART NUMBER VOLTAGE VOLTAGE CODE MARKING LD1985-1.5V 1.5V 15 LD1985-3.3V 3.3V 33 LD1985-1.8V 1.8V 18 LD1985-3.5V 3.5V 35 LD1985-2.5V 2.5V 25 LD1985-3.6V 3.6V 36 LD1985-2.8V 2.8V 28 LD1985-3.8V 3.8V 38 LD1985-2.85V 2.85V 2J LD1985-4.0V 4.0V 40 LD1985-3.0V 3.0V 30 LD1985-4.7V 4.7V 47 LD1985-3.1V 3.1V 31 LD1985-5.0V 5.0V 50 LD1985-3.2V 3.2V 32 5 4 3 VOLTAGE CODE 21 L D BLOCK DIAGRAM Vout DRIVER ERROR AMPLIFIER CURRENT LIMIT REFERENCE VOLTAGE START-UP SHUTDOWN TERM. PROTEC. GND BYPASS SHDN Vin ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT DC Input Voltage Vi 7 V INHIBIT Input Voltage VINH 7 V Output Current Io Internally limited Power Dissipation Ptot Internally limited Storage Temperature Range Tstg -65 ~ +150 ℃ Operating Junction Temperature Range Top -40 ~ +125 ℃ THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Thermal Resistance Junction-case Rthj-case 81 ℃ /W |
同様の部品番号 - LD1985-5.0V |
|
同様の説明 - LD1985-5.0V |