データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33990DR2 データシート(PDF) 2 Page - Freescale Semiconductor, Inc

部品番号 MC33990DR2
部品情報  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33990DR2 データシート(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33990DR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33990DR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
33990
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Figure 1. 33990 Simplified Block Diagram
33990
Voltage
Regulator
Bus
Driver
Thermal
Shutdown
Waveshaping
Filter
BUS
4.5 V
Reference
VBAT
SLEEP
Tx
Rx
4X/LOOP
4X Enable
Loopback
Digital Output
Driver
Loss of Ground
Protection
GND
LOAD
Note This device contains approximately 400 active transistors and 250 gates.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC33990DR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33990D FREESCALE-MC33990D Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990D/DR2 FREESCALE-MC33990D/DR2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MC33990DDR2 FREESCALE-MC33990DDR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
More results

同様の説明 - MC33990DR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com