データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ データシート(PDF) 3 Page - WeEn Semiconductors

部品番号 SMCJ
部品情報  1500W Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WEEN [WeEn Semiconductors]
ホームページ  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

SMCJ データシート(HTML) 3 Page - WeEn Semiconductors

  SMCJ Datasheet HTML 1Page - WeEn Semiconductors SMCJ Datasheet HTML 2Page - WeEn Semiconductors SMCJ Datasheet HTML 3Page - WeEn Semiconductors SMCJ Datasheet HTML 4Page - WeEn Semiconductors SMCJ Datasheet HTML 5Page - WeEn Semiconductors SMCJ Datasheet HTML 6Page - WeEn Semiconductors SMCJ Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WeEn Semiconductors
SMCJ series
1500W Transient Voltage Suppressor
SMCJ series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
08 February 2021
3 / 7
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
01
2
3
100
50
0
Peak Value I
PP
Half Value I
PP/2
10 x 1000 Waveform
as defined be R.E.A
t
p
t
r = 10
s
I
PP
(%)
t
p (ms)
T
j = 25°C
Non-repetitive pulse waveform
shown in pulse waveform graph
110102
0
40
80
120
160
200
240
number of cycles at 60Hz
Pulse width 8.3ms
single half sine-wave
I
FSM
(A)
Fig. 4. Pulse waveform
Fig. 3. Peak pulse power derating curve
Fig. 1. I-V curve characteristics; Uni-directional
Fig. 2. I-V curve characteristics; Bi-directional
Fig. 5. Peak pulse power rating curve
Fig. 6. Maximum non-repetitive surge current


同様の部品番号 - SMCJ

メーカー部品番号データシート部品情報
logo
RFE international
SMCJ RFE-SMCJ Datasheet
4Mb / 4P
   Surface Mount TVS Diode
28-JUN-2023
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMCJ SIPOWER-SMCJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
   5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

同様の説明 - SMCJ

メーカー部品番号データシート部品情報
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com