データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IZD1521AA データシート(PDF) 5 Page - Integral Corp.

部品番号 IZD1521AA
部品情報  CMOS DOT MATRIX LCD DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEGRAL [Integral Corp.]
ホームページ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZD1521AA データシート(HTML) 5 Page - Integral Corp.

  IZD1521AA Datasheet HTML 1Page - Integral Corp. IZD1521AA Datasheet HTML 2Page - Integral Corp. IZD1521AA Datasheet HTML 3Page - Integral Corp. IZD1521AA Datasheet HTML 4Page - Integral Corp. IZD1521AA Datasheet HTML 5Page - Integral Corp. IZD1521AA Datasheet HTML 6Page - Integral Corp. IZD1521AA Datasheet HTML 7Page - Integral Corp. IZD1521AA Datasheet HTML 8Page - Integral Corp. IZD1521AA Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CMOS DOT MATRIX LCD DRIVER
IZD1520
5
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, VDD = 0V, VSS = -5.0V unless otherwise specified)
Characteristic
Symbo
l
Test Condition
Applicable Terminals
Min
Typ
Max
Unit
Operating
Recommended
-5.5
-5.0
-4.5
Voltage(1)
Note 1
VSS
VSS
-7.0
-2.4
V
Recommended
V5
V5
-13.0
-3.5
Operating
-13.0
V
Voltage(2)
Permitted
V1, V2
V1, V2
0.6 x V5
VDD
Permitted
V3, V4
V3, V4
V5
0.4xV5
HIGH Input Voltage
VIH
A0,Di, E, R/W, CS
VSS+2.0
VDD
V
CL, FR, M/S, RES
0.2 x VSS
VDD
LOW Input Voltage
VIL
A0, Di, E, R/W, CS
VSS
VSS+0.8
V
CL, FR, M/S, RES
VSS
0.8+VSS
IOH = -3.0 mA
D0
÷ D7
VSS+2.4
HIGH Output Voltage
VOH
IOH = -2.0 mA
FR
VSS+2.4
V
IOH = -120
µA
OSC2
0.2 x VSS
IOL = 3.0 mA
D0
÷ D7
VSS+0.4
LOW Output Voltage
VOL
IOL = 2.0 mA
FR
VSS+0.4
V
IOL = 120
µA
OSC2
0.8xVSS
Input Leakage Current
ILI
A0, E, R/W, CS, CL,
M/S, RES
-1.0
1.0
µA
Output Leakage Current
ILO
Outputs are high impedance
D0
÷ D7, FR
-3.0
3.0
µA
LCD Driver ON Resistance
RON
V5=-5.0V
SEG0 ~ SEG79
5.0
7.5
K
Note 2
COM0 ~ COM15
Supply Current, Static
IDDQ
CS = CL = VDD
VDD
0.05
1.0
µA
During
fCL=2kHz
Note 3
2.0
5.0
display
V5=-5.0V
Rf =1M
Note 4
VDD
9.5
15.0
µA
Supply Current, Dynamic
IDD
fCL=18KHz
Note 5
5.0
10.0
During access fcyc=200KHz
300
500
µA
Input Terminal Capacity
CIN
f = 1 MHz
All inputs
5.0
8.0
pF
Oscillator Frequency
fOSC
Rf =1M
Ω±2%
15
18
21
KHz
Reset Time
tR
RES
1.0
1000
µs
Notes: 1. Operating over the specified voltage range is guaranteed, except where the supply voltage changes suddenly during
CPU access.
2. For a voltage differential of 0.1V between input (V1, …, V4) and output (COM, SEC) pins. All voltages within specified
operating voltage range.
3.
IZD1520AA and IZD1521AA only. Does not include transient currents due to stray and panel capacitances.
4.
IZD1521OA only. Does not include transient currents due to stray and panel capacitances.
5.
IZD1520OA only. Does not include transient currents due to stray and panel capacitances.


同様の部品番号 - IZD1521AA

メーカー部品番号データシート部品情報
logo
Integral Corp.
IZD1521AA INTEGRAL-IZD1521AA Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

同様の説明 - IZD1521AA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SED1278 ETC-SED1278 Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
logo
NEC
UPD7227 NEC-UPD7227 Datasheet
286Kb / 7P
   CMOS, Intelligent, Dot-Matrix LCD Controller/Driver
logo
Sanyo Semicon Device
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
   Dot Matrix LCD Driver?
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
   DOT MATRIX LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
   Dot-Matrix LCD Driver
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
   Dot Matrix LCD Driver?
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
   Dot-Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
   DOT MATRIX LCD DRIVER
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
   DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com