データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-5760-300 データシート(PDF) 9 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-5760-300
部品情報  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5760-300 データシート(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5760-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5760-300 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Electrical Considerations
The HCPL-5760, HCPL-5761,
HCPL-576K or 5962-89477
optocoupler has internal
temperature compensated,
predictable voltage and current
threshold points which allow
selection of an external resistor,
R
x
, to determine larger external
threshold voltage levels. For a
desired external threshold
voltage, V± , a corresponding
typical value of R
x can be
obtained from Figure 10. Specific
calculation of R
x
can be obtained
from Equation (1) of Figure 11.
Specification of both V
+
and V
-
voltage threshold levels simulta-
neously can be obtained by the
use of R
x
and R
p
as shown in
Figure 11 and determined by
Equations (2) and (3).
R
x can provide over-current
transient protection by limiting
input current during a transient
condition. For monitoring
contacts with a relay or switch,
the HCPL-5760/1/K, or
5962-89477 combination with R
x
and R
p can be used to allow a
specific current to be conducted
through the contacts for cleaning
purposes (wetting current).
The choice of which input voltage
clamp level to choose depends
upon the application of this
device (see Figure 3). It is
recommended that the low clamp
condition be used when possible
to lower the input power
dissipation as well as the LED
current, which minimizes LED
degradation over time.
In applications where dV
CM/dt
may
be extremely large (such as static
discharge), a series resistor, R
CC
,
should be connected in series
with V
CC
and Pin 8 to protect the
Figure 10. Typical External Threshold
Characteristic, V± vs. Rx.
detector IC from destructively
high surge currents. See note 14
for determination of R
CC
. In
addition, it is recommended that a
ceramic disc bypass capacitor of
0.01
µF to 0.1 µF be placed
between Pins 8 and 5 to reduce
the effect of power supply noise.
For interfacing ac signals to TTL
systems, output low pass filtering
can be performed with a pullup
resistor of 1.5 k
Ω and 20 µF
capacitor. This application
requires a Schmitt trigger gate to
avoid slow rise time chatter
problems. For ac input applica-
tions, a filter capacitor can be
placed across the dc input
terminals for either signal or
transient filtering.
Either ac (Pins 1, 4) or dc (Pins
2, 3) input can be used to
determine external threshold
levels.
For one specifically selected
external threshold voltage level
V
+
or V
-
, R
x
can be determined
without use of R
p
via
V
+
- V
TH+
(-)
(-)
R
x
= –––––––––
(1)
I
TH+
(-)
See Application Note 1004 for
more information.
For two specifically selected
external threshold voltage levels,
V
+
and V
-
, the use of R
x
and R
p
will permit this selection via
equations (2), (3) provided the
following conditions are met:
R
P =
V
TH- (V+) - VTH+ (V-)
––––––––––––––––––––––––––– (3)
I
TH+ (V- - VTH-) + ITH- (VTH+ - V+)
V
TH-
(V
+
) - V
TH+
(V
-
)
R
x
= –––––––––––––––––––– (2)
I
TH+
(V
TH-
) - I
TH-
(V
TH+
)
V
+
V
TH+
V
+
- V
TH+
I
TH+
–––
≥ ––– and –––––––– < ––––
V
-
V
TH-
V
-
- V
TH-
I
TH-
Figure 9. Operating Circuit for Burn-In and Steady State Life Tests.


同様の部品番号 - HCPL-5760-300

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

同様の説明 - HCPL-5760-300

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com