データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TRS6A65F データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TRS6A65F
部品情報  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TRS6A65F データシート(HTML) 3 Page - Toshiba Semiconductor

  TRS6A65F Datasheet HTML 1Page - Toshiba Semiconductor TRS6A65F Datasheet HTML 2Page - Toshiba Semiconductor TRS6A65F Datasheet HTML 3Page - Toshiba Semiconductor TRS6A65F Datasheet HTML 4Page - Toshiba Semiconductor TRS6A65F Datasheet HTML 5Page - Toshiba Semiconductor TRS6A65F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRS6A65F
3
7.
7.
7.
7. Marking
Marking
Marking
Marking
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
(Package Name: TOSHIBA 1-10B1A)
(Package Name: TOSHIBA 1-10B1A)
(Package Name: TOSHIBA 1-10B1A)
(Package Name: TOSHIBA 1-10B1A)
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
8.
8.
8.
8. Usage Considerations
Usage Considerations
Usage Considerations
Usage Considerations
(1)
The absolute maximum ratings are rated values that must not be exceeded during operation, even for an
instant.
The following are the recommended general derating methods for designing a circuit board using this
device.
VRRM : VRRM has a temperature coefficient of 0.1 %/.
Take this coefficient into account when designing a circuit board that will be operated
in a low-temperature environment.
IF(DC) : We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IF(DC).
IFP
: We recommend that the worst-case current be no greater than 80 % of the absolute maximum
rating of IFP.
IFSM : This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
I2t
: This rating specifies a non-repetitive limit value.
This only applies to an abnormal operation, which seldom occurs during the lifespan of a device.
Tj
: Derate device parameters in proportion to this rating in order to ensure high reliability.
We recommend that the junction temperature (Tj) of a device be kept below 140 .
(2)
For other design considerations, see the Toshiba Semiconductor website.
2020-09-28
Rev.5.0
©2016-2020
Toshiba Electronic Devices & Storage Corporation


同様の部品番号 - TRS6A65F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TRS6A65C TOSHIBA-TRS6A65C Datasheet
154Kb / 5P
   SiC Schottky Barrier Diode
More results

同様の説明 - TRS6A65F

メーカー部品番号データシート部品情報
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com