データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZH06 データシート(PDF) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

部品番号 ZH06
部品情報  Laser dust sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
ホームページ  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZH06 データシート(HTML) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZH06 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZH06 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
激光粉尘传感器系列
Tel: 86-371-67169097/67169670 Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
5. Dormant mode
User sends command: set dormant/sleep mode:
0
1
2
3
4
5
6
7
8
Starting
Reserve
Main
command
Dormant
command
Reserve
Reserve
Reserve
Reserve
Check
value
0xFF
0x01
0xA7
Enter: 0x01
0x00
0x00
0x00
0x00
0x57
Quit: 0x00
0x58
Return value as follow:
0
1
2
3
4
5
6
7
8
Starting
Main
command
Return Mark
Reserve Reserve Reserve
Reserve
Reserve
Check
value
0xFF
0xA7
Success: 0x01
0x00
0x00
0x00
0x00
0x00
0x58
Failture: 0x00
0x59
Note: Please refer to sample code for data frame check value calculation ;
Calculate method for check value:
In Q&A mode, the return value is “FF 86 00 47 00 C7 03 0F 5A”
Check value== 0x86 + 0x00 + 0x47 + 0x00 + 0xC7 + 0x03 + 0x0F
= 0xA6(keep low level 8 only)
= 0x59(Invert)
= 0x5A(plus 1)
Eg of code:
unsigned char FucCheckSum(unsigned char *i, unsigned char ln)
{
unsigned char j,tempq=0;
i+=1;
for(j=0;j<(ln-2);j++)
{
tempq+=*i;
i++;
}
tempq=(~tempq)+1;
return(tempq);
}


同様の部品番号 - ZH06

メーカー部品番号データシート部品情報
logo
Zhengzhou Winsen Electr...
ZH03B WINSEN-ZH03B Datasheet
1Mb / 11P
   Laser Dust Module
More results

同様の説明 - ZH06

メーカー部品番号データシート部品情報
logo
Zhengzhou Winsen Electr...
ZH03B WINSEN-ZH03B Datasheet
1Mb / 11P
   Laser Dust Module
logo
Amphenol Corporation
SM-PWM-01C AMPHENOL-SM-PWM-01C Datasheet
4Mb / 4P
   Smart Dust Sensor
SM-PWM-01C AMPHENOL-SM-PWM-01C_V01 Datasheet
696Kb / 12P
   SMART Dust Sensor
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
GP2Y1010AU0F SHARP-GP2Y1010AU0F Datasheet
164Kb / 9P
   Compact Optical Dust Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
logo
Pepperl+Fuchs Inc.
OBR12M-R100-2EP-IO-V31-L PF-OBR12M-R100-2EP-IO-V31-L Datasheet
597Kb / 4P
   Laser retroreflective sensor
OBR12M-R100-EP-IO-V3-L PF-OBR12M-R100-EP-IO-V3-L Datasheet
610Kb / 4P
   Laser retroreflective sensor
OBR12M-R101-EP-IO-V3-L PF-OBR12M-R101-EP-IO-V3-L Datasheet
652Kb / 4P
   Laser retroreflective sensor
VLM350-F280-R4-1002 PF-VLM350-F280-R4-1002 Datasheet
1Mb / 5P
   Laser light sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com