データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZPH01 データシート(PDF) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

部品番号 ZPH01
部品情報  Particles Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
ホームページ  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

ZPH01 データシート(HTML) 6 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  ZPH01 Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd. ZPH01 Datasheet HTML 8Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
Leading gas sensing solutions supplier in China!
4
The relationship between low pulse rate of output and dust particles concentration
Fig7.The relationship of PM2.5 low pulse rate of output and dust particles concentration
NOTE:People usually use different levels (best,good,bad,worst) to describe the air quality condition.
Program 1.High sensitivity
Best:0.00%-2.00%
Good:2.00%-4.00%
bad:4.00%-6.00%
Worst:>6.00%
Program 2.Good consistency
Best:0.00%-4.00%
Good:4.00%-8.00%
Bad:8.00%-12.00%
Worst:>12.00%
Particles Concentration
Low pulse rate %
Max
Average
Min


同様の部品番号 - ZPH01

メーカー部品番号データシート部品情報
logo
Zhengzhou Winsen Electr...
ZPH02 WINSEN-ZPH02 Datasheet
638Kb / 10P
   Particles Sensor
More results

同様の説明 - ZPH01

メーカー部品番号データシート部品情報
logo
Zhengzhou Winsen Electr...
ZPH02 WINSEN-ZPH02 Datasheet
638Kb / 10P
   Particles Sensor
logo
List of Unclassifed Man...
GT321 ETC2-GT321 Datasheet
159Kb / 2P
   Counts individual particles using scattered laser light
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com