データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP3NA60 データシート(PDF) 1 Page - VBsemi Electronics Co.,Ltd

部品番号 STP3NA60
部品情報  N-Channel 650 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VBSEMI [VBsemi Electronics Co.,Ltd]
ホームページ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STP3NA60 データシート(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  STP3NA60 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd STP3NA60 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• Low Gate Charge Qg Results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
• Compliant to RoHS directive 2002/95/EC
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 24 mH, RG = 25 Ω, IAS = 3.2 A (see fig. 12).
c. ISD ≤ 3.2 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
e. Drain current limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
650
RDS(on) (Ω)VGS = 10 V
1.7
Qg (Max.) (nC)
48
Qgs (nC)
12
Qgd (nC)
19
Configuration
Single
Available
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Currente
VGS at 10 V
TC = 25 °C
ID
A
Continuous Drain Current
TC = 100 °C
4.2
Pulsed Drain Currenta
IDM
18
Linear Derating Factor
0.48
W/°C
Single Pulse Avalanche Energyb
EAS
325
mJ
Repetitive Avalanche Currenta
IAR
4
A
Repetitive Avalanche Energya
EAR
6mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Peak Diode Recovery dV/dtc
dV/dt
2.8
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)d
for 10 s
300
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
S
N-Channel MOSFET
G
D
TO-220AB
Top View
GD S
4.5
N-Channel
650 V (D-S)MOSFET
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
STP3NA60
1


同様の部品番号 - STP3NA60

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP3NA60 STMICROELECTRONICS-STP3NA60 Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
STP3NA60FI STMICROELECTRONICS-STP3NA60FI Datasheet
201Kb / 10P
   N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STP3NA60IF VBSEMI-STP3NA60IF Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - STP3NA60

メーカー部品番号データシート部品情報
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM165R02 VBSEMI-VBM165R02 Datasheet
761Kb / 9P
   N-Channel 650 V (D-S) MOSFET
AOT11S60 VBSEMI-AOT11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
2SK3050 VBSEMI-2SK3050 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
6R380C6 VBSEMI-6R380C6 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
11N60CFD VBSEMI-11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
12N50ES VBSEMI-12N50ES Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
14NM65N VBSEMI-14NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
4002H VBSEMI-4002H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com