データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1748 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SD1748
部品情報  Silicon NPN triple diffusion planar type Darlington
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1748 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SD1748 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1748 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1748, 2SD1748A
Silicon NPN triple diffusion planar type Darlington
For low-freauency power amplification
Complementary to 2SB1178 and 2SB1178A
s Features
q
High foward current transfer ratio hFE
q
High-speed switching
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
80
60
80
5
4
2
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
2SD1748
2SD1748A
2SD1748
2SD1748A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCB = 60V, IE = 0
VCB = 80V, IB = 0
VCE = 30V, IB = 0
VCE = 40V, IB = 0
VEB = 5V, IC = 0
IC = 30mA, IB = 0
VCE = 4V, IC = 1A
VCE = 4V, IC = 2A
VCE = 4V, IC = 2A
IC = 2A, IB = 8mA
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 2A, IB1 = 8mA, IB2 = –8mA,
VCC = 50V
min
60
80
1000
2000
typ
20
0.5
4
1
max
1
1
2
2
2
10000
2.8
2.5
Unit
mA
mA
mA
V
V
V
MHz
µs
µs
µs
2SD1748
2SD1748A
2SD1748
2SD1748A
2SD1748
2SD1748A
*h
FE2 Rank classification
Rank
Q
P
hFE2
2000 to 5000 4000 to 10000
Internal Connection
B
E
C
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.


同様の部品番号 - 2SD1748

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2SD1740 ETC-2SD1740 Datasheet
120Kb / 3P
   TRIPLE DIFFUSED PLANAR TYPE HIGH POWER DARLINGTON
logo
Inchange Semiconductor ...
2SD1740 ISC-2SD1740 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1740 ISC-2SD1740_V01 Datasheet
319Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Panasonic Semiconductor
2SD1741 PANASONIC-2SD1741 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1741A PANASONIC-2SD1741A Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
More results

同様の説明 - 2SD1748

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SD1611 KEXIN-2SD1611 Datasheet
43Kb / 2P
   Silicon NPN Triple Diffusion Planar Type Darlington
logo
Panasonic Semiconductor
2SD1633 PANASONIC-2SD1633 Datasheet
69Kb / 3P
   Silicon NPN triple diffusion planar type darlington
2SD1890 PANASONIC-2SD1890 Datasheet
57Kb / 3P
   Silicon NPN triple diffusion planar type Darlington
2SD1262 PANASONIC-2SD1262 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com