データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7806 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 LM7806
部品情報  3-Terminal 1A Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM7806 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button LM7806 Datasheet HTML 5Page - Fairchild Semiconductor LM7806 Datasheet HTML 6Page - Fairchild Semiconductor LM7806 Datasheet HTML 7Page - Fairchild Semiconductor LM7806 Datasheet HTML 8Page - Fairchild Semiconductor LM7806 Datasheet HTML 9Page - Fairchild Semiconductor LM7806 Datasheet HTML 10Page - Fairchild Semiconductor LM7806 Datasheet HTML 11Page - Fairchild Semiconductor LM7806 Datasheet HTML 12Page - Fairchild Semiconductor LM7806 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
www.fairchildsemi.com
Electrical Characteristics (LM7806A)
(Refer to the test circuits. 0
qC  TJ  125qC, IO = 1A, VI = 11V, CI = 0.33PF, CO = 0.1PF, unless otherwise specified)
Note 22: Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with
low duty is used.
Note 23: These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = 25qC
5.58
6.0
6.12
V
IO = 5mA to 1A, PO d 15W, VI = 8.6V to 21V
5.76
6.0
6.24
Line Regulation
Regline
VI = 8.6V to 25V, IO = 500mA
5.0
60.0
mV
(Note 22)
VI = 9V to 13V
3.0
60.0
TJ = 25qCVI = 8.3V to 21V
5.0
60.0
VI = 9V to 13V
1.5
30.0
Load Regulation
Regload
TJ = 25qC, IO = 5mA to 1.5mA
9.0
100
mV
(Note 22)
IO = 5mA to 1mA
4.0
100
IO = 250mA to 750mA
5.0
50.0
Quiescent Current
IQ
TJ = 25qC–
4.3
6.0
mA
Quiescent Current Change
'IQ
IO = 5mA to 1A
0.5
mA
VI = 19V to 25V, IO = 500mA
0.8
VI = 8.5V to 21V, TJ = 25qC–
0.8
Output Voltage Drift (Note 23)
'VO/'TIO = 5mA
0.8
mV/
qC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA = 25qC
10.0
PV/VO
Ripple Rejection (Note 23)
RR
f = 120Hz, IO = 500mA, VI = 9V to 19V
65.0
dB
Dropout Voltage
VDROP
IO = 1A, TJ = 25qC–
2.0
V
Output Resistance (Note 23)
rO
f = 1KHz
17.0
m
:
Short Circuit Current
ISC
VI = 35V, TA = 25qC–
250
mA
Peak Current (Note 23)
IPK
TJ =25qC–
2.2
A


同様の部品番号 - LM7806

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM7806 UTC-LM7806 Datasheet
83Kb / 6P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM7806 ETC-LM7806 Datasheet
175Kb / 6P
   1.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7806 FAIRCHILD-LM7806 Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM7806 FCI-LM7806 Datasheet
621Kb / 8P
   LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7806 TGS-LM7806 Datasheet
73Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results

同様の説明 - LM7806

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com