データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP83C251 データシート(PDF) 10 Page - Intel Corporation

部品番号 TP83C251
部品情報  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

TP83C251 データシート(HTML) 10 Page - Intel Corporation

Back Button TP83C251 Datasheet HTML 6Page - Intel Corporation TP83C251 Datasheet HTML 7Page - Intel Corporation TP83C251 Datasheet HTML 8Page - Intel Corporation TP83C251 Datasheet HTML 9Page - Intel Corporation TP83C251 Datasheet HTML 10Page - Intel Corporation TP83C251 Datasheet HTML 11Page - Intel Corporation TP83C251 Datasheet HTML 12Page - Intel Corporation TP83C251 Datasheet HTML 13Page - Intel Corporation TP83C251 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
PRELIMINARY
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
3.0
SIGNALS
Table 6. Signal Descriptions
Signal
Name
Type
Description
Alternate
Function
A17
O
18th Address Bit (A17). Output to memory as 18th external address
bit (A17) in extended bus applications, depending on the values of bits
RD0 and RD1 in configuration byte UCONFIG0 (see Chapter 4,
“Device Configuration,” of the 8XC251SA/SB/SP/SQ Embedded
Microcontroller User’s Manual). See also RD# and PSEN#.
P1.7/CEX4/
WCLK
A16
O
Address Line 16. See RD#.
RD#
A15:8
O
Address Lines. Upper address lines for the external bus.
P2.7:0
AD7:0
I/O
Address/Data Lines. Multiplexed lower address lines and data lines
for external memory.
P0.7:0
ALE
O
Address Latch Enable. ALE signals the start of an external bus cycle
and indicates that valid address information is available on lines A15:8
and AD7:0. An external latch can use ALE to demultiplex the address
from the address/data bus.
PROG#
CEX4:0
I/O
Programmable Counter Array (PCA) Input/Output Pins. These are
input signals for the PCA capture mode and output signals for the PCA
compare mode and PCA PWM mode.
P1.6:3
P1.7/A17/
WAIT#
EA#
I
External Access. Directs program memory accesses to on-chip or off-
chip code memory. For EA# = 0, all program memory accesses are off-
chip. For EA# = 1, an access is to on-chip ROM/OTPROM/EPROM if
the address is within the range of the on-chip
ROM/OTPROM/EPROM; otherwise the access is off-chip. The value
of EA# is latched at reset. For devices without on-chip
ROM/OTPROM/EPROM, EA# must be strapped to ground.
V
PP
ECI
I
PCA External Clock Input. External clock input to the 16-bit PCA
timer.
P1.2
INT1:0#
I
External Interrupts 0 and 1. These inputs set bits IE1:0 in the TCON
register. If bits IT1:0 in the TCON register are set, bits IE1:0 are set by
a falling edge on INT1#/INT0#. If bits INT1:0 are clear, bits IE1:0 are
set by a low level on INT1:0#.
P3.3:2
PROG#
I
Programming Pulse. The programming pulse is applied to this pin for
programming the on-chip OTPROM.
ALE
P0.7:0
I/O
Port 0. This is an 8-bit, open-drain, bidirectional I/O port.
AD7:0
P1.0
P1.1
P1.2
P1.7:3
I/O
Port 1. This is an 8-bit, bidirectional I/O port with internal pullups.
T2
T2EX
ECI
CEX3:0
CEX4/A17/
WAIT#/
WCLK
P2.7:0
I/O
Port 2. This is an 8-bit, bidirectional I/O port with internal pullups.
A15:8
The descriptions of A15:8/P2.7:0 and AD7:0/P0.7:0 are for the nonpage-mode chip configuration (com-
patible with 44-pin PLCC and 40-pin DIP MCS 51 microcontrollers). If the chip is configured for page-
mode operation, port 0 carries the lower address bits (A7:0), and port 2 carries the upper address bits
(A15:8) and the data (D7:0).


同様の部品番号 - TP83C251

メーカー部品番号データシート部品情報
logo
Intel Corporation
TP83C51FA INTEL-TP83C51FA Datasheet
200Kb / 13P
   EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

同様の説明 - TP83C251

メーカー部品番号データシート部品情報
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com