データシートサーチシステム |
|
M74HCTXXXM1R データシート(PDF) 2 Page - STMicroelectronics |
|
M74HCTXXXM1R データシート(HTML) 2 Page - STMicroelectronics |
2 / 13 page INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION (HCT563) PIN No SYMBOL NAME AND FUNCTION 1 OE 3 State output Enable Input (Active LOW) 2, 3, 4, 5, 6, 7, 8, 9 D0 to D7 Data Inputs 12, 13, 14, 15, 16, 17, 18, 19 Q0 to Q7 3 State Latch Outputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage PIN DESCRIPTION (HCT573) PIN No SYMBOL NAME AND FUNCTION 1 OE 3 State output Enable Input (Active LOW) 2, 3, 4, 5, 6, 7, 8, 9 D0 to D7 Data Inputs 12, 13, 14, 15, 16, 17, 18, 19 Q0 to Q7 3 State Latch Outputs 11 LE Latch Enable Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage IEC LOGIC SYMBOLS HCT563 HCT573 M54/M74HCT563/573 2/13 |
同様の部品番号 - M74HCTXXXM1R |
|
同様の説明 - M74HCTXXXM1R |