データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3674MFX-1.5 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM3674MFX-1.5
部品情報  2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3674MFX-1.5 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3674MFX-1.5 Datasheet HTML 6Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 7Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 8Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 9Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 10Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 11Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 12Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 13Page - National Semiconductor (TI) LM3674MFX-1.5 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Operation Description
DEVICE INFORMATION
The LM3674, a high efficiency step down DC-DC switching
buck converter, delivers a constant voltage from a single
Li-Ion battery and input voltage rails from 2.7V to 5.5V to
portable devices such as cell phones and PDAs. Using a
voltage mode architecture with synchronous rectification, the
LM3674 has the ability to deliver up to 600 mA depending on
the input voltage, output voltage, ambient temperature and
the inductor chosen.
There are two modes of operation depending on the current
required - PWM (Pulse Width Modulation), and shutdown.
The device operates in PWM throughout the I
OUT range.
Shutdown mode turns off the device, offering the lowest
current consumption (I
SHUTDOWN = 0.01 µA typ).
Additional features include soft-start, under voltage protec-
tion, current overload protection, and thermal overload pro-
tection. As shown in Figure 1, only three external power
components are required for implementation.
The part uses an internal reference voltage of 0.5V. It is
recommended to keep the part in shutdown until the input
voltage is 2.7V or higher.
CIRCUIT OPERATION
During the first portion of each switching cycle, the control
block in the LM3674 turns on the internal PFET switch. This
allows current to flow from the input through the inductor to
the output filter capacitor and load. The inductor limits the
current to a ramp with a slope of
by storing energy in a magnetic field. During the second
portion of each cycle, the controller turns the PFET switch
off, blocking current flow from the input, and then turns the
NFET synchronous rectifier on. The inductor draws current
from ground through the NFET to the output filter capacitor
and load, which ramps the inductor current down with a
slope of
The output filter stores charge when the inductor current is
high, and releases it when the inductor current is low,
smoothing the voltage across the load.
The output voltage is regulated by modulating the PFET
switch on time to control the average current sent to the load.
The effect is identical to sending a duty-cycle modulated
rectangular wave formed by the switch and synchronous
rectifier at the SW pin to a low-pass filter formed by the
inductor and output filter capacitor. The output voltage is
equal to the average voltage at the SW pin.
PWM OPERATION
During PWM ( Pulse Width Modulation) operation the con-
verter operates as a voltage-mode controller with input volt-
age feed forward. This allows the converter to achieve ex-
cellent load and line regulation. The DC gain of the power
stage is proportional to the input voltage. To eliminate this
dependence, feed forward inversely proportional to the input
voltage is introduced.
While in PWM mode, the output voltage is regulated by
switching at a constant frequency and then modulating the
energy per cycle to control power to the load. At the begin-
ning of each clock cycle the PFET switch is turned on and
the inductor current ramps up until the comparator trips and
the control logic turns off the switch.
The current limit comparator can also turn off the switch in
case the current limit of the PFET is exceeded. Then the
NFET switch is turned on and the inductor current ramps
down. The next cycle is initiated by the clock turning off the
NFET and turning on the PFET.
20167275
Internal Synchronous Rectification
While in PWM mode, the LM3674 uses an internal NFET as
a synchronous rectifier to reduce rectifier forward voltage
drop and associated power loss. Synchronous rectification
provides a significant improvement in efficiency whenever
the output voltage is relatively low compared to the voltage
drop across an ordinary rectifier diode.
Current Limiting
A current limit feature allows the LM3674 to protect itself and
external components during overload conditions. PWM
mode implements current limiting using an internal compara-
tor that trips at 1020 mA (typ). If the output is shorted to
ground the device enters a timed current limit mode where
the NFET is turned on for a longer duration until the inductor
current falls below a low threshold, ensuring inductor current
has more time to decay, thereby preventing runaway.
SOFT-START
The LM3674 has a soft-start circuit that limits in-rush current
during start-up. During start-up the switch current limit is
increased in steps. Soft start is activated only if EN goes
from logic low to logic high after Vin reaches 2.7V. Soft start
is implemented by increasing switch current limit in steps of
70mA, 140mA, 280mA, and 1020mA (typ. switch current
limit). The start-up time thereby depends on the output ca-
pacitor and load current demanded at start-up. Typical
start-up times with 10µF output capacitor and 300mA load
current is 350µs and with 10mA load current is 240µs.
LDO - LOW DROP OUT OPERATION
The LM3674-ADJ can operate at 100% duty cycle (no
switching, PMOS switch completely on) for low drop out
support of the output voltage. In this way the output voltage
www.national.com
10


同様の部品番号 - LM3674MFX-1.5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3674MFX-1.5 NSC-LM3674MFX-1.5 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674MFX-1.5 TI1-LM3674MFX-1.5 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674MFX-1.5/NOPB TI1-LM3674MFX-1.5/NOPB Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results

同様の説明 - LM3674MFX-1.5

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
logo
National Semiconductor ...
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com