データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDD30N03L データシート(PDF) 2 Page - SamHop Microelectronics Corp.

部品番号 SDD30N03L
部品情報  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDD30N03L データシート(HTML) 2 Page - SamHop Microelectronics Corp.

  SDD30N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDD30N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDD30N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDD30N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDD30N03L Datasheet HTML 5Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDU/D30N03L
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS = 24V, VGS = 0V
10
Gate-Body Leakage
IGSS
VGS = +/-20V, VDS = 0V
nA
ON CHARACTERISTICS
a
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250uA
1
1.5
11.5
17
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID =15A
VGS = 4.5V, ID = 12A
14
21
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
40
30
A
S
Forward Transconductance
FS
g
VDS = 10V, ID = 20A
DYNAMIC CHARACTERISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
Reverse Transfer Capacitance
VDD =15V, VGS = 0V
f = 1.0MHZ
P
F
P
F
P
F
SWITCHING CHARACTERISTICS
b
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
Fall time
VDD = 15V,
ID =1A,
VGS = 10V,
RGEN = 6
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS = 15V, ID = 15A,
VGS =10V
nC
nC
nC
2
34.4
5.1
7.7
1200
530
150
5
65
67
90
m ohm
m ohm
ohm
+/-100
uA


同様の部品番号 - SDD30N03L

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SDD30N03L VBSEMI-SDD30N03L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

同様の説明 - SDD30N03L

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com