データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G02DRLRG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74AUP1G02DRLRG4
部品情報  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DRLRG4 データシート(HTML) 5 Page - Texas Instruments

  SN74AUP1G02DRLRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74AUP1G02
LOW POWER SINGLE 2INPUT POSITIVENOR GATE
SCES568B − JUNE 2004 − REVISED JUNE 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −40°C TO 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −20 µA
0.8 V to 3.6 V
VCC − 0.1
VCC − 0.1
IOH = −1.1 mA
1.1 V
0.75
× VCC
0.7
×VCC
IOH = −1.7 mA
1.4 V
1.11
1.03
VOH
IOH = −1.9 mA
1.65 V
1.32
1.3
V
VOH
IOH = −2.3 mA
2.3 V
2.05
1.97
V
IOH = −3.1 mA
2.3 V
1.9
1.85
IOH = −2.7 mA
3 V
2.72
2.67
IOH = −4 mA
3 V
2.6
2.55
IOL = 20 µA
0.8 V to 3.6 V
0.1
0.1
IOL = 1.1 mA
1.1 V
0.3
×VCC
0.3
×VCC
IOL = 1.7 mA
1.4 V
0.31
0.37
VOL
IOL = 1.9 mA
1.65 V
0.31
0.35
V
VOL
IOL = 2.3 mA
2.3 V
0.31
0.33
V
IOL = 3.1 mA
2.3 V
0.44
0.45
IOL = 2.7 mA
3 V
0.31
0.33
IOL = 4 mA
3 V
0.44
0.45
II
A or B input
VI = GND to 3.6 V
0 V to 3.6 V
0.1
0.5
µA
Ioff
VI or VO = 0 V to 3.6 V
0 V
0.2
0.6
µA
∆Ioff
VI or VO = 0 V to 3.6 V
0 V to 0.2 V
0.2
0.6
µA
ICC
VI = GND or
(VCC to 3.6 V)
IO = 0
0.8 V to 3.6 V
0.5
0.9
µA
∆ICC
VI = VCC − 0.6 V†
IO = 0
3.3 V
40
50
µA
Ci
VI = VCC or GND
0 V
1.5
pF
Ci
VI = VCC or GND
3.6 V
1.5
pF
Co
VO = GND
0 V
3
pF
† One input at VCC − 0.6 V, other input at VCC or GND
switching characteristics over recommended operating free-air temperature range, CL = 5 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
19.3
1.2 V
± 0.1 V
2.6
7.3
13
2.1
16.3
tpd
A or B
Y
1.5 V
± 0.1 V
1.4
5.2
8.9
0.9
10.8
ns
tpd
A or B
Y
1.8 V
± 0.15 V
1
4.2
6.8
0.5
8.7
ns
2.5 V
± 0.2 V
1
3
4.6
0.5
5.9
3.3 V
± 0.3 V
1
2.4
3.7
0.5
4.6


同様の部品番号 - SN74AUP1G02DRLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G02DRLRG4 TI-SN74AUP1G02DRLRG4 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DRLRG4 TI-SN74AUP1G02DRLRG4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02DRLRG4 TI1-SN74AUP1G02DRLRG4 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
More results

同様の説明 - SN74AUP1G02DRLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G02 TI-SN74AUP1G02_08 Datasheet
492Kb / 16P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com