データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLP250INV データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TLP250INV
部品情報  TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP250INV データシート(HTML) 4 Page - Toshiba Semiconductor

  TLP250INV Datasheet HTML 1Page - Toshiba Semiconductor TLP250INV Datasheet HTML 2Page - Toshiba Semiconductor TLP250INV Datasheet HTML 3Page - Toshiba Semiconductor TLP250INV Datasheet HTML 4Page - Toshiba Semiconductor TLP250INV Datasheet HTML 5Page - Toshiba Semiconductor TLP250INV Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP250(INV)
2002-06-27
4
SWITCHING CHARACTERISTICS (Ta = −20~70°C,Unless otherwise specified)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
L→H
tpLH
0.05
0.15
0.5
Propagation
Delay Time
H→L
tpHL
0.05
0.15
0.5
Switching Time Dispersion
between ON and OFF
|tpHL-tpLH|
0.45
Output Rise Time
tr
Output Fall Time
tf
5
IF = 8 mA,
VCC = 15 V
RL = 20Ω, CL = 10nF
µs
Common Mode Transient
Immunity at High Level Output
CMH
VCM = 1000 V, IF = 8 mA
VCC = 30 V, Ta = 25°C
−15000
V /µs
Common Mode Transient
Immunity at Low Level Output
CML
6
VCM = 1000 V, IF = 0 mA
VCC = 30 V, Ta = 25°C
15000
V /µs
Fig.1 IOPL TEST CIRCUIT
Fig.2 IOPH TEST CIRCUIT
A
IOPL
0.1µA
V6-5
VCC
1
8
4
VCC
A
IOPH
0.1µA
V8-6
1
8
4
Fig.3 VOH TEST CIRCUIT
Fig.4 VOL TEST CIRCUIT
V
VOH
0.1µA
RL
VCC1
IF
1
8
4
VEE1
VCC1
VEE1
V VOL
0.1µA
RL
1
8
4
VF


同様の部品番号 - TLP250INV

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250H TOSHIBA-TLP250H Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
TLP250HF TOSHIBA-TLP250HF Datasheet
329Kb / 16P
   Buffer logic type (totem pole output)
More results

同様の説明 - TLP250INV

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP700H TOSHIBA-TLP700H Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com