データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7686DP データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI7686DP
部品情報  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7686DP データシート(HTML) 1 Page - Vishay Siliconix

  SI7686DP Datasheet HTML 1Page - Vishay Siliconix SI7686DP Datasheet HTML 2Page - Vishay Siliconix SI7686DP Datasheet HTML 3Page - Vishay Siliconix SI7686DP Datasheet HTML 4Page - Vishay Siliconix SI7686DP Datasheet HTML 5Page - Vishay Siliconix SI7686DP Datasheet HTML 6Page - Vishay Siliconix SI7686DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr Package
with Low 1.07mm Profile
D Optimized for High-Side Synchronous Rectifier
Operation
D 100% Rg Tested
APPLICATIONS
D DC/DC Converters
RoHS
COMPLIANT
Si7686DP
Vishay Siliconix
New Product
Document Number: 73451
S–51334—Rev. A, 25-Jul-05
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)a
Qg (Typ)
30
0.0095 @ VGS = 10 V
35
92 nC
30
0.014 @ VGS = 4.5 V
35
9.2 nC
Ordering Information: Si7686DP-T1—E3 (Lead (Pb)-Free)
N-Channel MOSFET
G
D
S
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
"20
V
TC = 25_C
35a
Continuous Drain Current (TJ = 150_C)
TC = 70_C
ID
35a
Continuous Drain Current (TJ = 150_C)
TA = 25_C
ID
17.9b, c
TA = 70_C
14.3b, c
A
Pulsed Drain Current
IDM
50
Continuous Source Drain Diode Current
TC = 25_C
IS
31.5
Continuous Source-Drain Diode Current
TA = 25_C
IS
4.2b, c
TC = 25_C
37.9
Maximum Power Dissipation
TC = 70_C
PD
24.2
W
Maximum Power Dissipation
TA = 25_C
PD
5b, c
W
TA = 70_C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Soldering Recommendations (Peak Temperature)d, e
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
p 10 sec
RthJA
21
25
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.8
3.3
_C/W
Notes:
a.
Package Limited.
b.
Surface mounted on 1” x 1” FR4 board.
c.
t = 10 sec
d.
See Solder Profile (http://www.vishay.com/doc?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
e.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f.
Maximum under steady state conditions is 70
_C/W.


同様の部品番号 - SI7686DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7686DP VISHAY-SI7686DP Datasheet
302Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7686DP-T1-E3 VISHAY-SI7686DP-T1-E3 Datasheet
150Kb / 9P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7686DP VISHAY-SI7686DP_V01 Datasheet
302Kb / 13P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7686DP

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com