データシートサーチシステム |
|
AD10201AB データシート(PDF) 3 Page - Analog Devices |
|
AD10201AB データシート(HTML) 3 Page - Analog Devices |
3 / 20 page REV. 0 –3– AD10201 Test Parameter Temp Level Min Typ Max Unit DYNAMIC PERFORMANCE Signal-to-Noise Ratio (SNR) 8 (Without Harmonics) fIN = 10 MHz 25 °CI 66 68 dBFS fIN = 41 MHz 25 °CV 67 dBFS fIN = 71 MHz 25 °CI 63.5 66.5 dBFS fIN = 121 MHz 25 °CV 63 dBFS Signal-to-Noise Ratio (SINAD) 9 (With Harmonics) fIN = 10 MHz 25 °CI 65.5 67.5 dBFS fIN = 41 MHz 25 °CV 67.2 dBFS fIN = 71 MHz 25 °CI 63 65 dBFS fIN = 121 MHz 25 °CV 59 dBFS Spurious-Free Dynamic Range 10 fIN = 10 MHz 25 °CI 75.5 81 dBFS fIN = 41 MHz 25 °CV 76 dBFS fIN = 71 MHz 25 °CI 71 74 dBFS fIN = 121 MHz 25 °CV 63 dBFS Two-Tone Intermodulation Distortion 11 (IMD) fIN = 10 MHz; fIN = 12 MHz 25 °CV 81 dBc fIN = 71 MHz; fIN = 72 MHz 25 °CV 66 dBc fIN = 121 MHz; fIN = 122 MHz 25 °CV 61 dBc Channel-to-Channel Isolation 12 fIN = 121 MHz Full IV 90 dBc NOTES 1 All specifications tested by driving ENCODE and ENCODE differentially, with the analog input applied to A INX1 and AINX2 tied to ground. 2 Gain error measured at 10.3 MHz. 3 Input VSWR, see TPC 12. 4 See Figure 1, Timing Diagram. 5 t V and tPD are measured from the transition points of the ENCODE input to the 50%/50% levels of the digital outputs swing. The digital output load during test is not to exceed an ac load of 10 pF or a dc current of ±40 A. 6 Supply voltages should remain stable within ±5% for normal operation. 7 Power dissipation measures with encode at rated speed. 8 Analog input signal power at –1 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first six harmonics removed). ENCODE = 105 MSPS. SNR is reported in dBFS, related back to converter full scale. 9 Analog input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. ENCODE = 105 MSPS. SINAD is reported in dBFS, related back to converter full scale. 10Analog input signal equals –1 dBFS; SFDR is ratio of converter full scale to worst spur. 11Both input tones at –7 dBFS; two-tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third order intermod product. 12Channel-to-channel isolation tested with A channel/50 Ω terminated (A IN A2 grounded) and a full-scale signal applied to B channel (A IN B2). Specifications subject to change without notice. |
同様の部品番号 - AD10201AB |
|
同様の説明 - AD10201AB |