データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N4416A データシート(PDF) 1 Page - Microsemi Corporation

部品番号 2N4416A
部品情報  N-CHANNEL J-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4416A データシート(HTML) 1 Page - Microsemi Corporation

  2N4416A Datasheet HTML 1Page - Microsemi Corporation 2N4416A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
N-CHANNEL J-FET
Qualified per MIL-PRF-19500/428
Devices
Qualified Level
2N4416A
JAN
JANTX
JANTXV
ABSOLUTE MAXIMUM RATINGS
Parameters / Test Conditions
Symbol
2N4416A
Unit
Gate-Source Voltage
VGS
-35
Vdc
Drain-Source Voltage
VDS
35
Vdc
Drain-Gate Voltage
VDG
35
Vdc
Gate Current
IG
10
mAdc
Power Dissipation
TA = +25
0C (1)
PT
300
mWdc
Operating Junction & Storage Temperature Range
Top, Tstg
-65 to +200
0C
(1) Derate linearly 1.7 mW/
0C for T
A > +25
0C.
TO-72*
(TO-206AF)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = +25
0C unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Units
Gate-Source Breakdown Voltage
VDS = 0, IG = 1.0
µAdc
V(BR)GSS
-35
Vdc
Gate Reverse Current
VDS = 0, VGS = 20 Vdc
IGSS
-0.1
ηAdc
Drain Current
VDS = 15 Vdc
IDSS
5
15
mAdc
Gate-Source Voltage
VDS = 15 Vdc, ID = 0.5 mAdc
VGS
-1
-5.5
Vdc
Gate-Source Cutoff Voltage
VDS = 15 Vdc, ID = 1.0
ηAdc
VGS(off)
-2.5
-6.0
Vdc
Gate-Source Forward Voltage
VDS = 0 Vdc, IG = 1.0 mAdc
VGSF
1
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


同様の部品番号 - 2N4416A

メーカー部品番号データシート部品情報
logo
Calogic, LLC
2N4416A CALOGIC-2N4416A Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Vishay Siliconix
2N4416A VISHAY-2N4416A Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Micro Electronics
2N4416A MICRO-ELECTRONICS-2N4416A Datasheet
140Kb / 1P
   N-CHANNEL FET
logo
Micross Components
2N4416A MICROSS-2N4416A Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
logo
Linear Integrated Syste...
2N4416A LINEAR-2N4416A Datasheet
237Kb / 2P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
More results

同様の説明 - 2N4416A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856_09 Datasheet
49Kb / 2P
   N-CHANNEL J-FET
2N4416A MICROSEMI-2N4416A_08 Datasheet
56Kb / 1P
   N-CHANNEL J-FET
logo
New Jersey Semi-Conduct...
2N5393 NJSEMI-2N5393 Datasheet
79Kb / 1P
   N-CHANNEL J-FET
logo
Microsemi Corporation
2N4856 MICROSEMI-2N4856 Datasheet
68Kb / 3P
   N-CHANNEL J-FET
2N4091 MICROSEMI-2N4091_08 Datasheet
48Kb / 2P
   N-CHANNEL J-FET
logo
NXP Semiconductors
2N3819 PHILIPS-2N3819 Datasheet
65Kb / 4P
   N-channel J-FET
October 1990
logo
Microsemi Corporation
2N3821 MICROSEMI-2N3821_10 Datasheet
242Kb / 4P
   N-CHANNEL J-FET DEPLETION MODE
logo
New Jersey Semi-Conduct...
2N5114 NJSEMI-2N5114 Datasheet
495Kb / 1P
   P-CHANNEL J-FET
logo
Microsemi Corporation
2N2609 MICROSEMI-2N2609_08 Datasheet
55Kb / 1P
   P-CHANNEL J-FET
2N5114 MICROSEMI-2N5114_08 Datasheet
60Kb / 2P
   P-CHANNEL J-FET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com