データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-T251-500 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HCPL-T251-500
部品情報  0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-T251-500 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-T251-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-T251-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DC Electrical Specifications (Compared with HCPL-3140)
Over recommended operating conditions (IF(ON) = 8 to 12 mA, VF(OFF) = 0 to 0.8 V, VCC = 15 to 30 V,
VEE = Ground) unless otherwise specified.
HCPL-3140
HCPL-T251
Test
Parameter
Symbol
Units
Min.
Typ.*
Max.
Min.
Typ.*
Max.
Conditions
Note
Input Forward
VF
V
1.2
1.5
1.8
1.6
1.8
IF = 10 mA
Voltage
Temperature
∆V
F /∆TA
mV/
°C
-1.6
-2.0
IF = 10 mA
Coefficient of
Forward Voltage
Input Reverse
IR
µA10
10
VR = 5 V
Current
Input Capacitance
CIN
pF
60
45
250
VF = 0 V,
F = 1 MHz
High Level
IOH
A
0.2
0.25
VO = VCC - 4 V
Output Current
0.4
0.5
N.A.
VO = VCC - 15 V
Low Level
IOL
A
0.2
0.4
0.1
0.2
VO = VCC - 4 V
Output Current
0.4
0.5
N.A.
VO = VCC - 15 V
High Level
VOH
VVCC - 4 VCC - 1.8
VCC - 4 VCC - 1.8
IO = -100 mA
Output Voltage
Low Level
VOL
V
0.4
1
0.5
IO = 100 mA
Output Voltage
High Level
ICCH
mA
0.7
3
7.5
11
Output Open
Supply CurrentntSupply Current
IF = 7 to 16 mA
Low Level
ICCL
mA
1 - 2
3
8
11
Output Open
Supply Current
VF = -3.0 to
+0.8 V
Threshold Input
IFLH
mA
6
7
IO = 0 mA,
Current Low to
VO > 5 V
High
Threshold Input
VFHL
V
0.8
0.8
Voltage High
to Low
Supply Voltage
VCC
V
1030
1030
Capacitance
CI-0
pF
60
60
(Input-Output)
Resistance
RI-0
1012
1012
(Input-Output)
*All typical values at TA = 25°C and VCC - VEE = 3° V, unless otherwise noted.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC - VEE
15
30
V
Input Current (ON)
IF(ON)
812
mA
Input Voltage (OFF)
VF(OFF)
0
0.8
V


同様の部品番号 - HCPL-T251-500

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

同様の説明 - HCPL-T251-500

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com