データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC51WKM616AXBN75 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC51WKM616AXBN75
部品情報  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC51WKM616AXBN75 データシート(HTML) 1 Page - Toshiba Semiconductor

  TC51WKM616AXBN75 Datasheet HTML 1Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 2Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 3Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 4Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 5Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 6Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 7Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 8Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC51WKM616AXBN75
2002-08-22
1/11
• Access Times:
Access Time
75 ns
CE1
Access Time
75 ns
OE Access Time
25 ns
Page Access Time
30 ns
• Package:
P-TFBGA48-0811-0.75BZ (Weight:
g typ.)
TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
DESCRIPTION
The TC51WKM616AXBN is a 67,108,864-bit pseudo static random access memory(PSRAM) organized as
4,194,304 words by 16 bits. Using Toshiba’s CMOS technology and advanced circuit techniques, it provides high
density, high speed and low power. The device uses dual power supplies(2.6 to 3.3 V for core and 1.7 to 2.2 V for
output buffer). The device also features SRAM-like W/R timing whereby the device is controlled by CE1 , OE , and
WE on asynchronous. The device has the page access operation. Page size is 8 words. The device also supports
deep power-down mode, realizing low-power standby.
FEATURES
• Organized as 4,194,304 words by 16 bits
• Dual power supplies(2.6 to 3.3 V for core and
1.7 to 2.2 V for output buffer)
• Direct TTL compatibility for all inputs and outputs
• Deep power-down mode: Memory cell data invalid
• Page operation mode:
Page read operation by 8 words
• Logic compatible with SRAM R/W ( WE ) pin
• Standby current
Standby
100
µA
Deep power-down standby
5
µA
PIN ASSIGNMENT (TOP VIEW)
PIN NAMES
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
CE2
B
I/O9
UB
A3
A4
CE1
I/O1
C
I/O10
I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12
A17
A7
I/O4
VDD
E
VDDQ I/O13
A21
A16
I/O5
VSS
F
I/O15
I/O14
A14
A15
I/O6
I/O7
G
I/O16
A19
A12
A13
WE
I/O8
H
A18
A8
A9
A10
A11
A20
(FBGA48)
A0 to A21
Address Inputs
A0 to A2
Page Address Inputs
I/O1 to I/O16 Data Inputs/Outputs
CE1
Chip Enable Input
CE2
Chip select Input
WE
Write Enable Input
OE
Output Enable Input
LB ,
UB
Data Byte Control Inputs
VDD
Power Supply for Core
VDDQ
Power Supply for Output Buffer
GND
Ground


同様の部品番号 - TC51WKM616AXBN75

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
More results

同様の説明 - TC51WKM616AXBN75

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC51WHM516AXGN65 TOSHIBA-TC51WHM516AXGN65 Datasheet
203Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS, 2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
   32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
logo
NEC
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com