データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC51WKM616AXBN75 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TC51WKM616AXBN75
部品情報  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 4,194,304-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC51WKM616AXBN75 データシート(HTML) 2 Page - Toshiba Semiconductor

  TC51WKM616AXBN75 Datasheet HTML 1Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 2Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 3Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 4Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 5Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 6Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 7Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 8Page - Toshiba Semiconductor TC51WKM616AXBN75 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC51WKM616AXBN75
2002-08-22
2/11
BLOCK DIAGRAM
OPERATION MODE
MODE
CE1
CE2
OE
WE
LB
UB
Add
I/O1 to I/O8
I/O9 to I/O16
POWER
Read(Word)
L
H
L
H
L
L
X
DOUT
DOUT
IDDO
Read(Lower Byte)
L
H
L
H
L
H
X
DOUT
High-Z
IDDO
Read(Upper Byte)
L
H
L
H
H
L
X
High-Z
DOUT
IDDO
Write(Word)
L
H
X
L
L
L
X
DIN
DIN
IDDO
Write(Lower Byte)
L
H
X
L
L
H
X
DIN
Invalid
IDDO
Write(Upper Byte)
L
H
X
L
H
L
X
Invalid
DIN
IDDO
Outputs Disabled
L
H
H
H
X
X
X
High-Z
High-Z
IDDO
Standby
H
H
X
X
X
X
X
High-Z
High-Z
IDDS
Deep Power-down Standby
H
L
X
X
X
X
X
High-Z
High-Z
IDDSD
Notes: L
= Low-level Input(VIL), H = High-level Input(VIH), X = VIH or VIL, High-Z = High-impedance
VDD
GND
I/O1
CE
I/O8
CE
I/O9
I/O16
OE
UB
LB
A0 A1 A2 A3 A4 A5
CE2
MEMORY CELL ARRAY
8,192
× 512 × 16
(67,108,864)
CONTROL SIGNAL
GENERATOR
SENSE AMP
A6
CE
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
COLUMN ADDRESS
DECODER
COLUMN ADDRESS
BUFFER
I/O2
I/O3
I/O5
I/O4
I/O6
I/O7
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
A7 A8
REFRESH
CONTROL
REFRESH
ADDRESS
COUNTER
WE
CE1
A20
A21


同様の部品番号 - TC51WKM616AXBN75

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
More results

同様の説明 - TC51WKM616AXBN75

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC51WHM516AXGN65 TOSHIBA-TC51WHM516AXGN65 Datasheet
203Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS, 2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC51WKM516AXBN75 TOSHIBA-TC51WKM516AXBN75 Datasheet
115Kb / 11P
   2,097,152-WORD BY 16-BIT CMOS PSEUDO STATIC RAM
TC518129CPL TOSHIBA-TC518129CPL Datasheet
273Kb / 12P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC518128CPL TOSHIBA-TC518128CPL Datasheet
293Kb / 14P
   131,072-WORD BY 8-BIT CMOS PSEUDO STATIC RAM
1997-06-11
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC511632FL TOSHIBA-TC511632FL Datasheet
631Kb / 13P
   32,768 WORD x 16 BIT CMOS PSEUDO STATIC RAM
logo
NEC
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com