データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK123 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SK123
部品情報  Silicon N-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK123 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SK123 Datasheet HTML 1Page - Panasonic Semiconductor 2SK123 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon Junction FETs (Small Signal)
unit: mm
2SK123
Silicon N-Channel Junction FET
For impedance conversion in low frequency
For electret capacitor microphone
s Features
q High mutual conductance g
m
q Low noise voltage of NV
1: Drain
2: Source
3: Gate
Mini Flat Package (3-pin)
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Drain to Source voltage
Drain to Gate voltage
Drain to Source current
Drain to Gate current
Gate to Source current
Allowable power dissipation
Operating ambient temperature
Storage temperature
Symbol
VDSO
VDGO
IDSO
IDGO
IGSO
PD
Topr
Tstg
Ratings
20
20
2
2
2
200
−20 to +80
−55 to +150
Unit
V
V
mA
mA
mA
mW
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Current consumption
Drain to Source cut-off current
Mutual conductance
Noise figure
Voltage gain
Voltage gain difference
Symbol
ID
IDSS
gm
NV
GV1
GV2
GV3
∆|G
V2 − GV1|
∆|G
V1 − GV3|
Conditions
VD = 4.5V, CO = 10pF, RD = 2.2kΩ ± 1%
VDS = 4.5V, VGS = 0
VD = 4.5V, VGS = 0, f = 1kHz
VD = 4.5V, RD = 2.2kΩ ± 1%
CO = 10pF, A-curve
VD = 4.5V, RD = 2.2kΩ ± 1%
CO = 10pF, eG = 10mV, f = 1kHz
VD = 12V, RD = 2.2kΩ ± 1%
CO = 10pF, eG = 10mV, f = 1kHz
VD = 1.5V, RD = 2.2kΩ ± 1%
CO = 10pF, eG = 10mV, f = 1kHz
min
100
95
0.7
−3
0
−4.5
0
0
max
600
480
4
+3.5
+3.5
Unit
µA
µA
mS
µV
dB
dB
dB
dB
dB
typ
1.6
2
3.3
− 0.3
2.4
±0.1
1.9
±0.1
1.5
+0.25
−0.05
5.8
+0.2
−0.3
1
2
3
Marking Symbol: 1H
Note: For the forming type, (Y) is indicated after the part No.


同様の部品番号 - 2SK123

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
46Kb / 3P
   For Impedance Conversion In Low Frequency
logo
Inchange Semiconductor ...
2SK1230 ISC-2SK1230 Datasheet
847Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1231 ISC-2SK1231 Datasheet
848Kb / 2P
   isc N-Channel MOSFET Transistor
2SK1232 ISC-2SK1232 Datasheet
848Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK123

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com