データシートサーチシステム |
|
SLC100-29 データシート(PDF) 8 Page - C&D Technologies |
|
SLC100-29 データシート(HTML) 8 Page - C&D Technologies |
8 / 10 page 8 SLC100 1.2V Rev C 11/2004 Product: www.cdpoweronline.com SLC100 1.2VOUT ELECTRICAL SPECIFICATIONS Specifications are at T A = +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified. Trim Up Trim Down Trim Vout Rtrim Trim Vout Rtrim (%) (Vdc) (Kohm) (%) (Vdc) (Kohm) 1 1.212 325.6 1 1.188 353.5 2 1.224 166.49 2 1.176 172.07 3 1.236 112.1 3 1.164 112.78 4 1.248 84.92 4 1.152 83.56 5 1.260 68.26 5 1.140 65.83 6 1.272 57.44 6 1.128 54.01 7 1.284 49.64 7 1.116 45.66 8 1.296 43.68 8 1.104 39.36 9 1.308 39.09 9 1.092 34.47 10 1.320 35.37 10 1.080 30.61 TRIM RESISTANCE VALUES FOR 1.2V MODULE * Note 1: Maximum output current for SMD Models is 25A. PARAMETER CONDITIONS MIN TYP MAX UNITS INPUT Maximum Input Current Full Load; Vin = 36Vdc 1.70 A Inrush Charge Vin = 75Vdc 0.180 mC Reflected Ripple Current Full Load, 20Mhz Bandwidth 0.100 Apk-pk Input Voltage Ripple Rejection Full Load (100Hz-1KHz) -30 dB No Load Input Current No Load 55 mA Disabled Input Current 3.0 mA Recommended Input Fuse Fast blow external fuse 7 A OUTPUT Voltage Setpoint 1.182 1.2 1.218 Vdc Voltage Range Over all conditions of line, 1.164 1.236 Vdc load and temperature Line Regulation 0.05 0.10 % of Vnom Load Regulation 0.25 0.50 % of Vnom Output Ripple 100 120 mVpk-pk Output Current Range 0 401 A Output Current Limit Inception 42 46 A Efficiency 80 % Transient Response 50% to 75% Load Step at di/dt =0.1 A/μS;Cext=None Peak Deviation 120 mV Settling Time 300 μS External Load Capacitance 50,000 μF Rated Power 48 W |
同様の部品番号 - SLC100-29 |
|
同様の説明 - SLC100-29 |