データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74VCX16245DTR データシート(PDF) 7 Page - ON Semiconductor

部品番号 74VCX16245DTR
部品情報  Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16245DTR データシート(HTML) 7 Page - ON Semiconductor

  74VCX16245DTR Datasheet HTML 1Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 2Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 3Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 4Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 5Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 6Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 7Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
74VCX16245
http://onsemi.com
7
WAVEFORM 3 − PROPAGATION DELAYS
tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns
VIH
0V
VOH
VOL
An, Bn
Bn, An
tPHL
tPLH
WAVEFORM 4 − OUTPUT ENABLE AND DISABLE TIMES
tR = tF = 2.0ns, 10% to 90%; f = 1MHz; tW = 500ns
VIH
0V
≈ 0V
OEn, T/Rn
An, Bn
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
An, Bn
Vm
Vm
Vm
Vm
Vm
Vm
Figure 6. AC Waveforms
Vm
VOH
Vy
Vx
VOL
Vm
VCC
Symbol
3.3V
±0.3V
2.7V
VIH
2.7V
2.7V
Vm
1.5V
1.5V
Vx
VOL + 0.3V
VOL + 0.3V
Vy
VOH − 0.3V
VOH − 0.3V
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
RL
CL
6V or VCC × 2
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ±0.3V;
VCC × 2 at VCC = 2.5 ±0.2V; 1.8 ±0.15V
tPZH, tPHZ
GND
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = 500W or equivalent
RT = ZOUT of pulse generator (typically 50W)
Figure 7. Test Circuit


同様の部品番号 - 74VCX16245DTR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VCX16245DTR ONSEMI-74VCX16245DTR Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results

同様の説明 - 74VCX16245DTR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LCX16245 ONSEMI-MC74LCX16245 Datasheet
95Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transceiver With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 7
MC74LCX244A ONSEMI-MC74LCX244A Datasheet
314Kb / 9P
   Low-Voltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
June, 2021 ??Rev. 0
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
MC74LCX16244 ONSEMI-MC74LCX16244 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX244 ONSEMI-MC74LCX244_07 Datasheet
96Kb / 9P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
February, 2007 ??Rev. 7
MC74LCX16373 ONSEMI-MC74LCX16373 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it Transparent Latch With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
MC74LCX257 ONSEMI-MC74LCX257_05 Datasheet
87Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 3
MC74LCX374 ONSEMI-MC74LCX374_05 Datasheet
93Kb / 8P
   Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
January, 2005 ??Rev. 7
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com