データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH9385.011NL データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 PH9385.011NL
部品情報  Isolation Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH9385.011NL データシート(HTML) 1 Page - Pulse A Technitrol Company

  PH9385.011NL Datasheet HTML 1Page - Pulse A Technitrol Company PH9385.011NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
power.pulseelectronics.com
P766. K (05/19)
http://www.power.pulseelectronics.com/contact
Isolation Power Transformers
Toroid Platform SMD - PH9385.XXXNLT and PM2155.XXXNLT
Push Pull Converter Transformer
IEC 60950 and 61558 basic insulation
Compliant, 12mm creepage
4KVrms isolation (600Vrms continuous)
Patented: US Patent 9,646,755
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part Number
Inductance
(1-4)
(
μH ±35%)
Leakage Inductance
(1-4) with (5-8) shorted
(μH MAX)
Capacitance
(1, 4) to (5, 8)
(pF MAX)
DCR (1-4)
(
Ω MAX)
DCR (5-8)
(
Ω MAX)
ET (1-4)1
(V-μsec Max)
Turns Ratio
(1:4) (8:5)
Isolated
Voltage 2
(Vrms)
Commerical
Automotive8
PH9385.011NL
PM2155.011NL
3200
6.0
36
1.10
1.00
109
1CT : 1CT
4000
PH9385.045NL
PM2155.045NL
3200
4.0
36
1.10
1.25
109
4CT : 5CT
PH9385.034NL
PM2155.034NL
2600
3.0
36
1.00
1.50
98
3CT : 4CT
PH9385.012NL
PM2155.012NL
2600
3.0
40
1.00
1.90
98
1CT : 2CT
PH9385.038NL
PM2155.038NL
2600
3.0
40
1.00
2.20
98
3CT : 8CT
PH9385.013NL
PM2155.013NL
2600
3.0
40
1.00
2.75
98
1CT : 3CT
PH9385.027NL
PM2155.027NL
2600
3.0
40
1.00
3.00
98
2CT : 7CT
PH9385.015NL
PM2155.015NL
1350
3.0
30
0.80
3.20
70
1CT :5CT
Mechanical
Schematic
7
PIN 1 ID
6
6
7
23
14
85
.600
[15.25]
6X.148
[3.75]
.006[0.15] MIN
.630 MAX
[16 MAX]
.591±.012
[15.00±0.30]
(.030)
[0.75]
6X.148±.010
[3.75±0.25]
.295 MAX
[7.5 MAX]
8 SURFACES
.005[0.13]
.079
[2.00]
.079
[2.00]
.669 MAX
[17 MAX]
PH9385.0xxNL
DATE CODE ORIGIN
PAT. PEND.
2
1
4
6
8
5
3
7
Notes:
1.
The ET Max is calculated to limit the core loss and temperature rise at 200KHz based on
a bipolar flux swing of 180mT Peak.
2.
For Push-Pull topology, where the voltage is applied across half the primary winding
turns, the ET needs to be derated by 50% for the same flux swing.
3.
The applied ET may need to be further derated for higher frequencies based on the
temperature rise which results from the core and copper losses
A. To calculate total copper loss (W), use the following formula:
Copper Loss (W) = Irms_Primary2 * DCR_Primary + Irms_Secondary2*DCR_Second-
ary.
B. To calculate total core loss (W), use the following formula:
Core Loss (W) = 3.93E-10 * (Frequency in kHz)1.7 * (180 * [ET/ET Max])2.17
Where ET is the applied Volt Second, ET Max is the rated Volt Second for 180mT flux
swing
C. To calculate temperature rise, use the following formula:
Temperature Rise (°C) = 100 * (Core Loss(W) + Copper Loss (W))
4.
The AEC-Q200 temperature and humidity operational life testing was completed using
a dielectric strength test of 4000Vdc.
5.
Optional Tape & Reel packing can be ordered by adding a “T” suffix to the part number
(i.e. PH9385.011NL becomes PH9385.011NLT). Pulse complies to industry standard tape
and reel specification EIA481.
6.
The “NL” suffix indicates an RoHS-compliant part number.
7.
Continuous isolation voltage confirmed by 125°C/1000hrs accelerated aging with the
bias voltage applied between primary and secondary windings.
8.
The PM2155.XXXNLT part numbers are AEC-Q200 and IATF16949 certified. The mechani-
cal dimensions are 100% tested in production but do not necessarily meet aproduct
capability index (Cpk) >1.33 and therefore may not strictly conform to PPAP.
PH9385.0XNLT and PM2155.0XXNLT
Dimensions:
Unless otherwise specified,
all tolerances are
±
Inches
mm
.010
0,25
Weight .............................2.5/grams
Tray ......................................80/tray


同様の部品番号 - PH9385.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
More results

同様の説明 - PH9385.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
   Isolation Power Transformers
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
   Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
   Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
   Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
   High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
   High Isolation Power Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
   Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
   Isolation Transformers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com