データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PH9385.011NL データシート(PDF) 2 Page - Pulse A Technitrol Company

部品番号 PH9385.011NL
部品情報  Isolation Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PH9385.011NL データシート(HTML) 2 Page - Pulse A Technitrol Company

  PH9385.011NL Datasheet HTML 1Page - Pulse A Technitrol Company PH9385.011NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
power.pulseelectronics.com
P766. K (05/19)
http://www.power.pulseelectronics.com/contact
Isolation Power Transformers
Toroid Platform SMD - PH9385.XXXNLT and PM2155.XXXNLT
Pulse Worldwide
Headquarters
15255 Innovation Drive Ste 100
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Pulse Electronics GmbH
Am Rottland 12
58540 Meinerzhagen
Germany
Tel: 49 2354 777 100
Fax: 49 2354 777 168
Pulse China Headquarters
Pulse Electronics (ShenZhen) CO., LTD
D708, Shenzhen Academy of
Aerospace Technology,
The 10th Keji South Road,
Nanshan District, Shenzhen,
P.R. China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
3 Fraser Street
0428 DUO Tower
Singapore 189352
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
1F., No.111 Xiyuan Rd
Zhongli City
Taoyuan City 32057
Taiwan (R.O.C)
Tel: 886 3 4356768
Fax: 886 3 4356820
For More Information
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may
be trademarks or registered trademarks of their respective owners. © Copyright, 2019. Pulse Electronics, Inc. All rights reserved.
PH9385.XXXNL is a series of high isolation power supply transformer drivers. Intended to operate in a fixed duty cycle
Push Pull topology, it is a part of a low cost solution for delivering lower power (up to 2.5W) from a low voltage source.
A typical implementation would be an isolated RS-485 power supply driver circuit, the design is compatible with the
MAXIM™ MAX253 IC. Other IC’s include Texas SN6501 UCC2808, Analog ADuM4070, ADuM447x.
A schematic diagram for the Push Pull converter topology is given below.
For a fixed 50% duty cycle mode of operation, the output voltage is simply determined by the input voltage and turns
ratio. So, with the available turns ratios, a variety of output voltages can be selected. This range can be extended by
implementing different topologies such as forward or bridge and can be used with controllers offered
by different IC vendors for a number of different applications.
V
V
PH9385
D2
D1
GND
CC
OUT
VIN
DRIVER
IC
TAPE & REEL INFO
SURFACE MOUNTING TYPE, REEL/TAPE LIST
PART NUMBER
REEL SIZE (mm)
TAPE SIZE (mm)
QTY
A
G
P
1
W
K
0
PCS/REEL
PH9385.XXXNLT/PM2155.XXXNLT
Ø330
32.4
24
32
8.3
300
APPLICATION
P
W
K0
1
A
G
Direction of tape


同様の部品番号 - PH9385.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
More results

同様の説明 - PH9385.011NL

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
   Isolation Power Transformers
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
   Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
   Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
   Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
   Isolation Power Transformers
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
PH9184.011NL PULSE-PH9184.011NL Datasheet
391Kb / 2P
   High Isolation Power Transformers
PH9185.XXXNL PULSE-PH9185.XXXNL Datasheet
443Kb / 2P
   High Isolation Power Transformers
logo
Coilcraft lnc.
CR7983 COILCRAFT-CR7983 Datasheet
320Kb / 1P
   Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
   Isolation Transformers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com