データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4803AEK データシート(PDF) 3 Page - Summit Microelectronics, Inc.

部品番号 SMH4803AEK
部品情報  Distributed Power Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803AEK データシート(HTML) 3 Page - Summit Microelectronics, Inc.

  SMH4803AEK Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803AEK Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
2041 8.4 6/15/00
SMH4803
SUMMIT MICROELECTRONICS
*COMMENT
Stresses listed under Absolute Maximum Ratings
may cause permanent damage to the device. These
are stress ratings only, and functional operation of
the device at these or any other conditions outside
those listed in the operational sections of this speci-
fication is not implied. Exposure to any absolute
maximum rating for extended periods may affect
device performance and reliability.
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Voltage on pins with respect to V
SS
Vdd
-0.5V to Vdd
UV, OV, CBSense, Drain Sense
-0.5V to Vdd +0.5V
PD1#, PD2#, CBMode, CBReset#
10V
ENPGA, ENPGB, EN/TS
CBFault#, PG1#, PG2#, PG3#
-0.5V to Vdd +0.5V
Vgate
Vdd + 0.5V
Lead Solder Temperature (10 secs)
300 °C
Symbol
Parameter
Notes
Min.
Typ.
Max.
Units
VDD
Supply Voltage
IDD = 2mA
11
12
13
V
Vref5
5Volt Reference Output
IDD = 2mA
4.75
5
5.25
V
ILOAD5
5Volt Reference Output Current
IDD = 2mA
-1
1
mA
Vref2.5
2.5 Volt Reference Output
TA = 25 °C, IDD = 2mA
2.475
2.5
2.525
V
Vref2.5
2.5 Volt Reference Output
IDD = 2mA
2.425
2.5
2.575
V
ILOAD2.5
2.5 Volt Reference Output Current
IDD = 2mA
-0.2
1
mA
IDD
Power Supply Current
Output Enabled
2
10
mA
VUV
Under voltage Threshold
TA = 25 °C, IDD = 2mA
2.475
2.5
2.525
V
VUV
Under voltage Threshold
IDD = 2mA
2.425
2.5
2.575
V
VUVHYS
Under voltage Hysteresis
IDD = 2mA
10
mV
VOV
Over voltage Threshold
TA = 25 °C, IDD = 2mA
2.475
2.5
2.525
V
VOV
Over voltage Threshold
IDD = 2mA
2.425
2.5
2.575
V
VOVHYS
Over voltage Hysteresis
IDD = 2mA
10
mV
VVGATE
Vgate Output Voltage
VDD
V
IVGATE
Vgate Current Output
100
µA
VSENSE
Drain Sense threshold
TA = 25 °C, IDD = 2mA
2.475
2.5
2.525
V
VSENSE
Drain Sense threshold
IDD = 2mA
2.425
2.5
2.575
V
ISENSE
Drain Sense Output Current
(Note 1) VSENSE = VSS
910
11
µA
VCB
Circuit Breaker Threshold
IDD = 2mA
40
50
60
mV
VQCB
Quick-Trip Circuit Breaker Threshold
Option E
200
mV
Option F
100
mV
Option H
50
mV
Option J
OFF
VENTS
EN/TS Threshold
TA = 25 °C, IDD = 2mA
2.425
2.5
2.575
V
VENTS
EN/TS Threshold
IDD = 2mA
2.475
2.5
2.525
V
VENTSHYS
EN/TS Hysteresis
IDD = 2mA
5
10
15
mV
VIH
Input High Voltage ENPGA/B,
2
Vref5
V
CBMode, CBReset#
VIL
Input High Voltage ENPGA/B,
-0.1
0.8
V
CBMode, CBReset#
VOL
CBFault# Output Low Voltage
IOL = 2mA
0
0.4
V
VOL
PG1#, PG2#, PG3# Output Low
ISINK = 2mA
0
0.4
V
DC OPERATING CHARACTERISTICS (Over Recommended Operating Conditions, Voltages are relative to VSS)
2041 PGM T4.4
(Note 1) : TA = 25 °C


同様の部品番号 - SMH4803AEK

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4803AS SUMMIT-SMH4803AS Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
More results

同様の説明 - SMH4803AEK

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com