データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54600 データシート(PDF) 3 Page - Agilent(Hewlett-Packard)

部品番号 54600
部品情報  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54600 データシート(HTML) 3 Page - Agilent(Hewlett-Packard)

  54600 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Figure 2. 2 + 16-channel mixed signal oscilloscope (MSO) allows you to view analog and digital content on one instrument.
Mixed-signal scopes
(models 54621D, 54622D,
54641D, and 54642D)
The mixed-signal oscilloscopes
(MSO), with 2 analog channels
and 16 digital channels, uniquely
combine the detailed signal analy-
sis of a scope with the multi-
channel timing measurements of
a logic analyzer. They let you see
the complex interactions among
your signals on up to 18 channels
at the same time. No more guess-
work and no more poking around
to see a few channels at a time.
These scopes can easily conquer
mixed analog and digital debug-
ging problems that a traditional
scope can't begin to address,
because they let you simultane-
ously test and monitor the high-
speed digital control signals and
the slower analog signals in
your design.
4-channel scope
(model 54624A)
If your designs include heavy
analog content, the 100-MHz
54624A will give you the channel
count and measurement power
you need, including MegaZoom
deep memory, high-definition
display, and flexible triggering.
Whether you’re testing designs
with four inputs, such as anti-lock
brakes, or monitoring multiple
outputs of a power supply, the
4-channel model helps you get
your debug and verification done
with ease.
2-channel scopes
(models 54621A, 54622A,
54641A, and 54642A)
The 2-channel models bring all
the benefits of MegaZoom deep
memory, high-definition display,
and flexible triggering to those
value-minded designers with
lower channel requirements. They
give you an affordable way to see
long time periods while maintain-
ing high sample rate so you can
see details in your designs.
Selection Guide (continued)


同様の部品番号 - 54600

メーカー部品番号データシート部品情報
logo
Heyco.
5460 HEYCO-5460 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
FCI connector
54602-908LF FCI-CONNECTOR-54602-908LF Datasheet
146Kb / 1P
   8 POL SHALLOW LATCH CONNECTOR
logo
Cirrus Logic
5460A CIRRUS-5460A Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
More results

同様の説明 - 54600

メーカー部品番号データシート部品情報
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com