データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54641A データシート(PDF) 7 Page - Agilent(Hewlett-Packard)

部品番号 54641A
部品情報  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54641A データシート(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button 54641A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 9Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 10Page - Agilent(Hewlett-Packard) 54641A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
N2758A CAN Trigger Module
• Trigger on CAN 2.0A/B message
frames with user specified IDs
and/or data
• Trigger on Error frames
• Differential CAN
• Acknowledge On/Off
• Built In QuickHelp
• Remote Control via GPIB/RS232
• Compatible with 54621D, 54622D,
54641D, 54642D
The N2758A CAN trigger module
extends your Mixed Signal
Oscilloscope’s (MSO) capabilities
beyond the standard CAN SOF
trigger. The module enables the
MSO to isolate and trigger on a
particular frame’s content. This
triggering allows you to:
• sort through frame traffic on
the bus
• isolate frames of interest
• specify particular frame
characteristics
• trigger and measure latency
between CAN frames meeting
the user specification
The CAN trigger module is ideal
for analyzing all traffic on the
broadcast network. Quickly find
frames that meet the specifica-
tions you select with an isolating
capability similar to pattern
triggering across multiple
channels in the parallel domain.
Synchronize to the particular
frame then examine the system
behavior of interest.
For more comprehensive
information, please see the
Agilent 54600-Series
Oscilloscopes Probes and
Accessories data sheet (Agilent
publication number 5968-8153).
You can get a copy by visiting
our website at:
www.agilent.com/find/mso
The N2758A kit includes the CAN trigger module, digital cable, ten grabbers, and
two probe ground leads.
The N2758A CAN trigger module reduces the time required to
debug your mixed signal CAN based designs.


同様の部品番号 - 54641A

メーカー部品番号データシート部品情報
logo
Festo Corporation.
546412 FESTO-546412 Datasheet
47Kb / 1P
   Round cylinder
More results

同様の説明 - 54641A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com