データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMH4803CFL データシート(PDF) 11 Page - Summit Microelectronics, Inc.

部品番号 SMH4803CFL
部品情報  Distributed Power Hot-Swap Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUMMIT [Summit Microelectronics, Inc.]
ホームページ  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4803CFL データシート(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMH4803CFL Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4803CFL Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
2041 8.4 6/15/00
SMH4803
SUMMIT MICROELECTRONICS
after another delay PGD. The delays built into the
SMH4803 allow correct sequencing of power to the loads,
e.g. +3V supply must come up before +5V supply. The
delay times are factory programmed. PG2# and PG3#
can be disabled using the ENPGA and ENPGB inputs.
When these inputs are low they override the enable
function produced when the SMH4803 sees a power
good condition.
The PG1#, PG2#, and PG3# outputs have a 12V with-
stand capability so high voltages must not be connected
to these pins. Inexpensive bipolar transistors will boost
the withstand voltage to that of the host supply, see figure
5 for connections.
Output Slew-Rate Control
The SMH4803 provides a current limited Vgate turn-on.
A fast turn-off is performed by internally shorting Vgate to
Vss. Changing the passive components around the
power MOSFET switch will modify the turn-on slew-rate.
Operating at High Voltages
The breakdown voltage of the external active and passive
components limits the maximum operating voltage of the
SMH4803 hot-swap controller. Components that must be
able to withstand the full supply voltage are: the input and
output decoupling capacitors, the protection diode in
series with DrainSense pin, the power MOSFET switch
and capacitor connected between its drain and gate, the
high-voltage transistors connected to the power good
outputs, and the dropper resistor connected to the
controller’s Vdd pin.
Over-Voltage and Under-Voltage Resistors
In the following examples, the three resistors, R1, R2, and
R3, connected to the OV and UV inputs must be capable
of withstanding the maximum supply voltage which can
be several hundred volts. The trip voltage of the UV and
OV inputs is +2.5V relative to Vss. As the input resis-
tances of UV and OV are very high, high value resistors
can be used in the resistive divider. The divider resistors
should be high stability, 1% metal-film resistors to keep
the under-voltage and over-voltage trip points accurate.
Telecom Design Example
A hot-swap telecom application uses a 48V power supply
with a –25% to +50% tolerance, i.e. the 48V supply can
vary from 36V to 72V. The formulae for calculating R1, R2,
and R3 are shown below.
1) First select the peak current, IDmax, allowed through
the resistive divider, say 250µA. The value of current
is arbitrary; however, if the current is too high, self-
heating in R3 may become a problem (especially in
high voltage systems), and if the current is too low the
value of R3 becomes very large and may be expensive
at 1% tolerance.
R1 is calculated from:
R1 =
VOV is the over-voltage trip point, i.e. 2.5V, therefore:
R1 =
=10k
2) The minimum current that flows through the resistive
divider, IDmin, is easily calculated from the ratio of
maximum and minimum supply voltages:
ID min =
Therefore:
ID min =
= 125
µA
3) The value of R3 is now calculated using IDmin.
R3 =
Where Vuv is the under-voltage trip point, also 2.5V,
therefore:
R3 =
= 268k
The closest standard 1% resistor value is 267k
4) R2 may be calculated using:
(R1 + R2) =
R2 =
R1
Or
R2 =
–10k
Ω = (20kΩ – 10kΩ) = 10kΩ
Vuv
ID min
Vuv
ID min
2.5
V
125
µA
ID max x VS min
VS max
250
µA x 36V
72
V
(
VS min – Vuv)
ID min
(36
V – 2.5V)
125
µA
Vov
ID max
2.5
V
250
µA


同様の部品番号 - SMH4803CFL

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4803AS SUMMIT-SMH4803AS Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
More results

同様の説明 - SMH4803CFL

メーカー部品番号データシート部品情報
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com