データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3033 データシート(PDF) 1 Page - Panasonic Semiconductor

部品番号 2SK3033
部品情報  Silicon N-Channel Power F-MOS FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3033 データシート(HTML) 1 Page - Panasonic Semiconductor

  2SK3033 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Power F-MOS FETs
unit: mm
2SK3033 (Tentative)
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed
q High-speed switching
q Low ON-resistance
q No secondary breakdown
q Low-voltage drive
q High electrostatic breakdown voltage
s Applications
q Contactless relay
q Diving circuit for a solenoid
q Driving circuit for a motor
q Control equipment
q Switching power supply
s Electrical Characteristics (T
C = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Diode forward voltage
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time (delay time)
Rise time
Fall time
Turn-off time (delay time)
Thermal resistance between channel and case
Thermal resistance between channel and atmosphere
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)1
RDS(on)2
| Yfs |
VDSF
Ciss
Coss
Crss
td(on)
tr
tf
td(off)
Rth(ch-c)
Rth(ch-a)
Conditions
VDS = 80V, VGS = 0
VGS = ±20V, VDS = 0
ID = 1mA, VGS = 0
VDS = 10V, ID = 1mA
VGS = 10V, ID = 20A
VGS = 4V, ID = 20A
VDS = 10V, ID = 20A
IDR = 20A, VGS = 0
VDS = 10V, VGS = 0, f = 1MHz
VDD = 30V, ID = 20A
VGS = 10V, RL = 1.5Ω
min
100
1
13
typ
35
40
26
2400
530
220
12
20
120
600
max
10
±10
2.5
60
75
−1.4
2.08
62.5
Unit
µA
µA
V
V
m
m
S
V
pF
pF
pF
ns
ns
ns
ns
°C/W
°C/W
s Absolute Maximum Ratings (T
C = 25°C)
Parameter
Drain to Source breakdown voltage
Gate to Source voltage
Drain current
Avalanche energy capacity
Allowable power
dissipation
Channel temperature
Storage temperature
DC
Pulse
TC = 25°C
Ta = 25°C
Symbol
VDSS
VGSS
ID
IDP
EAS*
PD
Tch
Tstg
Ratings
100
±20
±40
±80
80
60
2
150
−55 to +150
Unit
V
V
A
A
mJ
W
°C
°C
*
L = 0.1mH, IL = 40A, 1 pulse
Internal Connection
1: Gate
2: Drain
3: Source
TO-220E Package
9.9±0.3
23
1
4.6±0.2
2.9±0.2
2.6±0.1
2.54±0.2
0.75±0.1
1.2±0.15
5.08±0.4
φ3.2±0.1
1.45±0.15
0.7±0.1
7
G
D
S


同様の部品番号 - 2SK3033

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK3033 ISC-2SK3033 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK3033

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com